Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 73 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 69Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 70Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 71Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 72Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 73Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 74Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 75Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 76Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
DC Characteristics
73
03
DC Characteristics
The DC electrical characteristics define the input operating conditions for proper
operation and the output responses to applied DC signals and switch characteristics over
specified voltage and temperature ranges. The DC electrical characteristics are specified
within the recommended operating conditions including operating temperature and power
supply range as stated in this data sheet. Table 34 outlines the C-3e NP DC characteristics.
Each control input pin has a capacitance associated with it. The capacitance at the control
input is due to the package and the input circuitry connected to the pin. Capacitance is
based on these conditions: T
A = 25°C; VDD33 = 3.3V; f = 1MHz. Table 35 provides
capacitance data.
Table 34 C-3e Network Processor DC Characteristics
PARAMETER*
* All voltages are relative to Ground unless otherwise indicated.
MIN
MAX
UNIT
NOTES
LVTTL Input High Voltage
2.0
V
DD33+.3
V
LVTTL Input Low Voltage
-0.3
0.8
V
LVTTL Output High Voltage
2.4
V
@I
OH = -2mA
LVTTL Output Low Voltage
0.4
V
@I
OL = +2mA
LVTTL Input Current
-100
+100
µA
VIN = 0V or VDD33
LVPECL Input High Voltage
V
DD33 -1.165
V
DD33+.3V
V
LVPECL Input Low Voltage
-0.3
V
DD33 -1.475
V
LVPECL Output High Voltage
VDD33 -1.025
VDD33 -0.60
V
Load = 50ohm to
V
DD33 - 2V
LVPECL Output Low Voltage
V
DD33 -2.20
V
DD33 -1.620
V
Load = 50ohm to
VDD33 - 2V
LVPECL Input Current
-100
+100
µA
CPREF
V
DD33 -1.38
V
DD33 -1.26
V
Single-ended LVPECL
reference
Table 35 C-3e Network Processor Capacitance Data
PARAMETER
TYPICAL
UNIT
All Pins
5
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com