Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 51 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 47Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 48Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 49Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 50Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 51Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 52Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 53Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 54Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 114 page
background image
Pin Descriptions Grouped by Function
51
03
BMU SDRAM Interface
Signals
The BMU and SDRAM interface signals are described in Table 22.
The BMU is designed to support SDRAM devices with 12 address lines. All 139 data lines
and all 12 address lines must be connected to the SDRAM in order for the BMU to be able
to read and write external SDRAM properly.
Table 22 BMU SDRAM Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
MD0 - MD129
AA27, AA25, AA24, AA23, AA21,
AA20, Y27, Y26, Y25, Y23, Y22, Y21,
Y20, W27, W26, W25, W23, W22,
W21, W20, V27, V25, V24, V23, V21,
V20, U27, U26, U25, U24, U23, U22,
U21, U20, T27, T26, T25, T23, T22,
T21, T20, R27, R26, R25, R24, R23,
R22, R21, R20, P27, P25, P24, P23,
P21, P20, N27, N26, N25, N24, N23,
N22, N21, N20, M27, M26, M25,
M23, M22, M21, M20, L27, L26, L25,
L24, L23, L22, L21, L20, K27, K25,
K24, K23, K21, K20, J27, J26, J25,
J23, J22, J21, J20, H27, H26, H25,
H23, H22, H21, H20, G27, G25, G24,
G23, G21, G20, F27, F26, F25, F24,
F23, F22, F21, F20, E27, E26, E25,
E23, E22, E21, E20, D27, D25, D24,
D23, D21, D20, C27, C26, C25, C23,
C22
130
LVTTL
I
PD/O
Data Lines In
MDECC0 - MDECC8 A27, B20, B21, B23, B24, B25, B27,
C20, C21
9
LVTTL
I
PD/O
Stored as data, ECC bits
MA0 - MA11
C19, B19, A19, F18, E18, D18, C18,
A18, F17, E17, D17, C17
12
LVTTL
O
PD
Address Outputs: A0-A11 are sampled during the
ACTIVE command and READ/WRITE to select one
location out of the memory array in the respective
bank. The address inputs also provide the
op-code during a LOAD MODE REGISTER
command
MBA0 - MBA1
F19, E19
2
LVTTL
O
PD
Bank Address Outputs: BA0 and BA1 define which
bank the ACTIVE, READ, WRITE or PRECHARGE
command is being applied
MCASX
A24
1
LVTTL
O
PD
Command Outputs: MRASX, MCASX, MWEX and
MCSX define the command being entered.
NOTE: MCSX is considered part of the command
code.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com