Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 46 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 42Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 43Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 44Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 45Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 46Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 47Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 48Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 49Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
46
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Figure 5 PROM Interface Diagram
The PROM interface operates in the following manner (Note that two accesses are
piplined together to execute one 32-bit fetch). The steps are shown in Figure 6.
1 The PROM_ADDR is loaded into the network processor internal shift register.
2 The PROM_ADDR is shifted into the external shift register for 22 SPCLK cycles.
3 SPLD is asserted for one SPCLK cycle, loading the PROM_ADDR into the external
presentation register.
4 SPLD is deasserted for 22 SPCLK cycles. The PROM presents the first 16bit
PROM_DATA. At the same time, the next PROM_ADDR is shifted into the external shift
register.
5 SPLD is asserted for one SPCLK cycle, loading the PROM_ADDR into the external
presentation register and the first PROM_DATA into the external shift register.
6 SPLD is deasserted for 22 SPCLK cycles, shifting the first PROM_DATA into the network
processor internal shift register.
7 SPLD is asserted for one SPCLK cycle, loading the first PROM_DATA into the network
processor PROM_RETURN_DATA register and the second PROM_DATA into the
external shift register.
External Logic
PROM_ADDR<21:1>
15
15
16
PROM _H_Word
C-3e Network Processor
PROM Clock Gen.
31
21
21
6
1
0
PROM _Return_Data
PROM Sequencer
21
0
0
CE
SPCLK
SPLD
SPDO
SPDI
Internal Shift
Register
PROM_ADDR<21:1>
CE
PROM _LO_Word
21
6 0
21
0
21
1
PROM
PROM_Data
16
External Shift
Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com