Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 93 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 89Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 90Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 91Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 92Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 93Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 94Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 95Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 96Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 114 page
background image
AC Timing Specifications
93
03
Table 48 Fabric Processor Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tfrc
FRX Cycle Time
8.0
ns
Tfrcs
FRXCTL Setup
4.0
1.5
ns
Utopia2 Mode
All other modes
Tfrch
FRXCTL Hold
0.0
ns
Tfrco
FRXCTL Output
1.0
4.0
ns
Tfrcz
FRXCTL Clk to Tri*
* Not fully tested, values based on design/characterization.
1.0
4.0
ns
Tfrcv
FRXCTL Clk to Driven*
1.0
4.0
ns
Tfrds
FIN Setup
4.0
1.5
ns
Utopia2 Mode
All other modes
Tfrdh
FIN Hold
0.0
ns
Tftc
FTX Cycle Time
8.0
ns
Tftcs
FTXCTL Setup
4.0
1.5
ns
Utopia2 Mode
All other modes
Tftch
FTXCTL Hold
0.0
ns
Tftco
FTXCTL Output
1.0
4.0
ns
Tftcz
FTXCTL Clk to Tri*
1.0
4.0
ns
Tftcv
FTXCTL Tri to Driven*
1.0
4.0
ns
Tftdo
FOUT Output
1.0
4.0
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com