Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 101 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 97Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 98Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 99Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 100Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 101Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 102Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 103Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 104Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
AC Timing Specifications
101
03
Table 55 QMU to Q-5/Q-3 (External Mode) Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tqec
QMU External Cycle Time
10.0
ns
QACLKO/QBCLKO
derived from
QACLKI/QBCLKI
Tqep
QMU CLKA-CLKB delta
between rising edges
4.8
ns
Tqes
QMU Input Data Setup
0.6
ns
Tqeh
QMU Input Data Hold
0.8
ns
Tqeo
QMU Data Output
-.85
1.3
ns
Determines valid time
for data from each clock
rising edge
Table 56 Signal Groups in QMU to Q-5/Q-3 (External Mode) Timimg Diagrams
SIGNAL GROUP
INCLUDED SIGNALS
Input Clocks (QnCLKI)
QACLKI, QBCLKI
Output Clocks (QnCLKO)
QACLKO, QBCLKO
Input Data (DQDATA)
QD0-23, QARDY, QDPL, QDPH, QNQRDY, QDQPAR
Output Data (NQDATA)
QA0-16, QWEX, QD24-31
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com