Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831724 Datasheet(HTML) 3 Page - Renesas Technology Corp

  831724 Datasheet HTML 1Page - Renesas Technology Corp 831724 Datasheet HTML 2Page - Renesas Technology Corp 831724 Datasheet HTML 3Page - Renesas Technology Corp 831724 Datasheet HTML 4Page - Renesas Technology Corp 831724 Datasheet HTML 5Page - Renesas Technology Corp 831724 Datasheet HTML 6Page - Renesas Technology Corp 831724 Datasheet HTML 7Page - Renesas Technology Corp 831724 Datasheet HTML 8Page - Renesas Technology Corp 831724 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Function Tables
Table 3A. nOEA Configuration Table
NOTE: nOEA is an asynchronous control.
Table 3C. nOEC Configuration Table
NOTE: nOEC is an asynchronous control.
Table 3B. nOEB Configuration Table
NOTE: nOEB is an asynchronous control.
Table 3D. nOED Configuration Table
NOTE: nOED is an asynchronous control.
Table 3E. SEL Configuration Table
NOTE: SEL is an asynchronous control
Input
Operation
nOEA
0
Output QA, nQA is enabled.
1 (default)
Output QA, nQA is in high-impedance state.
Input
Operation
nOEC
0
Output QC, nQC is enabled.
1 (default)
Output QC, nQC is in high-impedance state.
Input
Operation
nOEB
0
Output QB, nQB is enabled.
1 (default)
Output QB, nQB is in high-impedance state.
Input
Operation
nOED
0
Output QD, nQD is enabled.
1 (default)
Output QD, nQD is in high-impedance state.
Input
Selected Input
SEL
0 (default)
CLK0, nCLK0
1
CLK1, nCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com