Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831724 Datasheet(HTML) 5 Page - Renesas Technology Corp

  831724 Datasheet HTML 1Page - Renesas Technology Corp 831724 Datasheet HTML 2Page - Renesas Technology Corp 831724 Datasheet HTML 3Page - Renesas Technology Corp 831724 Datasheet HTML 4Page - Renesas Technology Corp 831724 Datasheet HTML 5Page - Renesas Technology Corp 831724 Datasheet HTML 6Page - Renesas Technology Corp 831724 Datasheet HTML 7Page - Renesas Technology Corp 831724 Datasheet HTML 8Page - Renesas Technology Corp 831724 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
AC Electrical Characteristics
Table 5A. PCI Express Jitter Specifications, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions. The phase noise is dependent on the input signal source. The input signal was generated using a
Tektronix HFS9000 Stimulus System. For additional information, refer to the PCI Express Application Note section in the datasheet.
NOTE 1: Peak-to-Peak jitter after applying system transfer function for the Common Clock Architecture. Maximum limit for PCI Express Gen 1
is 86ps peak-to-peak for a sample size of 106 clock periods.
NOTE 2: RMS jitter after applying the two evaluation bands to the two transfer functions defined in the Common Clock Architecture and
reporting the worst case results for each evaluation band. Maximum limit for PCI Express Generation 2 is 3.1ps RMS for tREFCLK_HF_RMS (High
Band) and 3.0ps RMS for tREFCLK_LF_RMS (Low Band).
NOTE 3: RMS jitter after applying system transfer function for the common clock architecture. This specification is based on the PCI Express
Base Specification Revision 0.7, October 2009 and is subject to change pending the final release version of the specification.
NOTE 4: This parameter is guaranteed by characterization. Not tested in production.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
PCIe Industry
Specification
Units
tj
(PCIe Gen 1)
Phase Jitter
Peak-to-Peak;
NOTE 1, 4
ƒ = 100MHz,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
11.48
27
86
ps
tREFCLK_HF_RMS
(PCIe Gen 2)
Phase Jitter RMS;
NOTE 2, 4
ƒ = 100MHz,
High Band: 1.5MHz - Nyquist
(clock frequency/2)
0.76
1.0
3.1
ps
tREFCLK_LF_RMS
(PCIe Gen 2)
Phase Jitter RMS;
NOTE 2, 4
ƒ = 100MHz,
Low Band: 10kHz - 1.5MHz
0.15
1.3
3.0
ps
tREFCLK_RMS
(PCIe Gen 3)
Phase Jitter RMS;
NOTE 3, 4
ƒ = 100MHz,
Evaluation Band: 0Hz - Nyquist
(clock frequency/2)
0.16
0.4
0.8
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com