Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831724 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 831724 Datasheet HTML 8Page - Renesas Technology Corp 831724 Datasheet HTML 9Page - Renesas Technology Corp 831724 Datasheet HTML 10Page - Renesas Technology Corp 831724 Datasheet HTML 11Page - Renesas Technology Corp 831724 Datasheet HTML 12Page - Renesas Technology Corp 831724 Datasheet HTML 13Page - Renesas Technology Corp 831724 Datasheet HTML 14Page - Renesas Technology Corp 831724 Datasheet HTML 15Page - Renesas Technology Corp 831724 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
PCI Express Application Note
PCI Express jitter analysis methodology models the system
response to reference clock jitter. The block diagram below shows
the most frequently used Common Clock Architecture in which a
copy of the reference clock is provided to both ends of the PCI
Express Link.
In the jitter analysis, the transmit (Tx) and receive (Rx) serdes PLLs
are modeled as well as the phase interpolator in the receiver. These
transfer functions are called H1, H2, and H3 respectively. The
overall system transfer function at the receiver is:
The jitter spectrum seen by the receiver is the result of applying this
system transfer function to the clock spectrum X(s) and is:
In order to generate time domain jitter numbers, an inverse Fourier
Transform is performed on X(s)*H3(s) * [H1(s) - H2(s)].
PCI Express Common Clock Architecture
For PCI Express Gen 1, one transfer function is defined and the
evaluation is performed over the entire spectrum: DC to Nyquist (e.g
for a 100MHz reference clock: 0Hz – 50MHz) and the jitter result is
reported in peak-peak.
PCIe Gen 1 Magnitude of Transfer Function
For PCI Express Gen 2, two transfer functions are defined with 2
evaluation ranges and the final jitter number is reported in rms. The
two evaluation ranges for PCI Express Gen 2 are 10kHz – 1.5MHz
(Low Band) and 1.5MHz – Nyquist (High Band). The plots show the
individual transfer functions as well as the overall transfer function
Ht.
PCIe Gen 2A Magnitude of Transfer Function
PCIe Gen 2B Magnitude of Transfer Function
For PCI Express Gen 3, one transfer function is defined and the
evaluation is performed over the entire spectrum. The transfer
function parameters are different from Gen 1 and the jitter result is
reported in RMS.
PCIe Gen 3 Magnitude of Transfer Function
For a more thorough overview of PCI Express jitter analysis
methodology, please refer to IDT Application Note: PCI Express
Reference Clock Requirements.
Ht s

H3 s

H1 s
 H2 s


=
Ys

Xs
 H3 s

H1 s
 H2 s


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com