Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831724 Datasheet(HTML) 1 Page - Renesas Technology Corp

  831724 Datasheet HTML 1Page - Renesas Technology Corp 831724 Datasheet HTML 2Page - Renesas Technology Corp 831724 Datasheet HTML 3Page - Renesas Technology Corp 831724 Datasheet HTML 4Page - Renesas Technology Corp 831724 Datasheet HTML 5Page - Renesas Technology Corp 831724 Datasheet HTML 6Page - Renesas Technology Corp 831724 Datasheet HTML 7Page - Renesas Technology Corp 831724 Datasheet HTML 8Page - Renesas Technology Corp 831724 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
General Description
The 831724 is a high-performance, differential HCSL clock/data
multiplexer and fanout buffer. The device is designed for the
multiplexing and fanout of high-frequency clock and data signals.
The device has two differential, selectable clock/data inputs. The
selected input signal is distributed to four low-skew differential HCSL
outputs. Each input pair accepts HCSL, LVDS and LVPECL levels.
The 831724 is characterized to operate from a 3.3V power supply.
Guaranteed input, output-to-output and part-to-part skew
characteristics make the 831724 ideal for those clock and data
distribution applications demanding well-defined performance and
repeatability. The 831724 supports the clock multiplexing and
distribution of PCI Express Generation 1, 2, and 3 clock signals.
Features
• 2:1 differential clock/data multiplexer with fanout
• Two selectable, differential inputs
• Each differential input pair can accept the following levels: HCSL,
LVDS, LVPECL.
• Four differential HCSL outputs
• Maximum input/output clock frequency: 350MHz
• Maximum input/output data rate: 700Mb/s (NRZ)
• LVCMOS interface levels for all control inputs
• PCI Express Gen 1,2,3 jitter compliant
• Input skew: 165ps (maximum)
• Output skew: 175ps (maximum)
• Part-to-part skew: 450ps (maximum)
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6) package
• -40°C to 85°C ambient operating temperature
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD
nOED
CLK0
nCLK0
CLK1
nCLK1
nOEA
VDD
nc
nOEC
nc
nc
nc
nc
SEL
nc
Block Diagram
QA
nQA
QB
nQB
QC
nQC
QD
nQD
IREF
CLK0
nCLK0
CLK1
nCLK1
SEL
Pulldown
Pullup
Pullup
Pullup
Pullup
Pullup/down
Pulldown
Pullup/down
Pulldown
0
1
Pin Assignment
831724I
32-Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View
831724
Datasheet
Differential Clock/Data Multiplexer


Similar Part No. - 831724

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
831724 IDT-831724 Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831724AKILF IDT-831724AKILF Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831724AKILFT IDT-831724AKILFT Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
More results

Similar Description - 831724

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A APRIL 8, 2004
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
Differential Clock/Data Multiplexer
logo
ON Semiconductor
NB6L56 ONSEMI-NB6L56 Datasheet
139Kb / 10P
Dual 2:1 Differential Clock Data Multiplexer
May, 2012 ??Rev. 0
logo
Integrated Device Techn...
831724 IDT-831724 Datasheet
496Kb / 22P
Differential Clock/Data Multiplexer
831742I IDT-831742I Datasheet
540Kb / 20P
4:2 Differential Clock/Data Multiplexer
831742I IDT-831742I_17 Datasheet
524Kb / 18P
4:2 Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831742I RENESAS-831742I Datasheet
1Mb / 21P
4:2 Differential Clock/Data Multiplexer
July 30, 2021
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com