Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831724 Datasheet(HTML) 4 Page - Renesas Technology Corp

  831724 Datasheet HTML 1Page - Renesas Technology Corp 831724 Datasheet HTML 2Page - Renesas Technology Corp 831724 Datasheet HTML 3Page - Renesas Technology Corp 831724 Datasheet HTML 4Page - Renesas Technology Corp 831724 Datasheet HTML 5Page - Renesas Technology Corp 831724 Datasheet HTML 6Page - Renesas Technology Corp 831724 Datasheet HTML 7Page - Renesas Technology Corp 831724 Datasheet HTML 8Page - Renesas Technology Corp 831724 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL Input DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
Table 4C. Differential DC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance,
JA
37°C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.0
3.3
3.6
V
IDD
Power Supply Current
128
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2.4
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
nOEA, nOEB,
nOEC, nOED
VIN = VDD
5µA
SEL
VIN = VDD
150
µA
IIL
Input Low Current
nOEA, nOEB,
nOEC, nOED
VIN = 0V
-150
µA
SEL
VIN = 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input
High Current
CLK0, nCLK0, CLK1, nCLK1
VIN = VDD= 3.3V ± 0.3V
150
µA
IIL
Input
Low Current
CLK0, CLK1
VDD = 3.3V ± 0.3V, VIN = 0V
-5
µA
nCLK0, nCLK1
VDD = 3.3V ± 0.3V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com