Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831724 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 831724
Description  Differential Clock/Data Multiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831724 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 831724 Datasheet HTML 5Page - Renesas Technology Corp 831724 Datasheet HTML 6Page - Renesas Technology Corp 831724 Datasheet HTML 7Page - Renesas Technology Corp 831724 Datasheet HTML 8Page - Renesas Technology Corp 831724 Datasheet HTML 9Page - Renesas Technology Corp 831724 Datasheet HTML 10Page - Renesas Technology Corp 831724 Datasheet HTML 11Page - Renesas Technology Corp 831724 Datasheet HTML 12Page - Renesas Technology Corp 831724 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Parameter Measurement Information
3.3V HCSL Output Load AC Test Circuit 1
Differential Input Level
Output Skew
3.3V HCSL Output Load AC Test Circuit 2
Part-to-Part Skew
Propagation Delay
475
Ω
33
Ω
50
Ω
50
Ω
33
Ω
49.9
Ω
49.9
Ω
HCSL
GND
2pF
2pF
Qx
nQx
0V
IREF
VDD
3.3V±0.3V
V
CMR
Cross Points
V
PP
VDD
GND
nCLK[0, 1]
CLK[0, 1]
Qx
nQx
Qy
nQy
HCSL
GND
0V
0V
SCOPE
IREF
VDD
This load condition is used for IDD, tsk(o), tsk(pp), tsk(i), tPD, odc
and tjit measurements.
3.3V±0.3V
Qx
nQx
tsk(pp)
Par t 1
Par t 2
Qx
nQy
t
PD
nCLK[0, 1]
CLK[0, 1]
nQ[A:D]
Q[A:D]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com