Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1301 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CS1301 Datasheet HTML 1Page - National Semiconductor (TI) CS1301 Datasheet HTML 2Page - National Semiconductor (TI) CS1301 Datasheet HTML 3Page - National Semiconductor (TI) CS1301 Datasheet HTML 4Page - National Semiconductor (TI) CS1301 Datasheet HTML 5Page - National Semiconductor (TI) CS1301 Datasheet HTML 6Page - National Semiconductor (TI) CS1301 Datasheet HTML 7Page - National Semiconductor (TI) CS1301 Datasheet HTML 8Page - National Semiconductor (TI) CS1301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.national.com
2
Revision 2.2
Features
General Features
s Physical
s Process 0.25-micron CMOS
s Packaged in a 292-terminal TEPBGA (Thermally
Enhanced Plastic Ball Grid Array)
s Power supply:
— CS1301: 2.5V Core; 3.3V I/O (5V tolerant)
— CS1311: 2.2V Core; 3.3V I/O (5V tolerant)
s Consumption 1300 mA; 3.5W
s Power-down 300 mA
s Case Temperature 0° to 85°C
Central Processing Unit
s Clock speed:
— CS1301: 180 MHz
— CS1311: 166 MHz
s Instructionlengthvariable (2to 23 bytes)
s Instruction set arithmetic and logical operations,
load/store operations, special multimedia and DSP
operations, IEEE compliant floating point operations
s Functional units 27, pipelined
Caches
s Data 16 KB, instructions 32 KB
Memory System
s Speed 166 MHz SDRAM
s CPU/Memory programmable; 1:1, 5:4, 4:3, 3:2, and 2:1
speed ratios
s Memory size 512 KB to 64 MB (up to four banks)
s Recommended configurations:
— 16 MB: Two 4M x 16 or two 2M x 32
— 32 MB: Four 2M x 32 or four 4M x 16
s Width 32-bit bus
s Max. bandwidth 664 MB/sec (at 166 MHz)
Image Coprocessor
s Scaling programmable scale factor (0.2X to 10X) using
5-tap filters:
— Horizontal or vertical scaling and filtering of individual
Y, U or V
— Horizontal scaling and filtering with color conversion
and overlay
— HYUV to RGB, RGB overlay and alpha blending, bit
mask blanking
VLD Coprocessor
s Parses MPEG-1 and MPEG-2 elementary bit streams
generating run-level pairs and filling macroblock
headers
Timers
s Four 32-bit wide timers
Input/Output Support
s PCI Interface:
— PCI 2.1 compliant
— Speed 33 MHz
— Bus width32bits
— Voltage drive and receive at 3.3V
s Audio In (AI):
—Two I2S compliant channels
— Sample size 8 or 16-bit samples per channel
s Audio Out (AO):
— Eight I2S compliant channels
— Sample size 16 or 32-bit samples per channel
s Video In (VI):
— Supported signals CCIR-601/656:
– 8-bit video (up to 40 Mpix/sec)
— Image sizes all sizes, subject to sample rate
— Provides programmable on-the-fly 2X horizontal
resolution subsampling
s Video Out (VO):
— Image sizes flexible, including CCIR-601; max.
4K x 4K pixels (subject to 80 MB/sec data rate)
— Outputs CCIR-601/656 8-bit video, PAL or NTSC
— Clock rates programmable (4-80 MHz), typical
27 MB/sec (13.5 Mpix/sec for NTSC, PAL;
40 Mpix/sec in YUV 4:2:2 mode)
— Features full 129-level alpha blending, GenLock
mode, frame synchronization chroma key,
programmable YUV color clipping
s S/PDIF Out:
— Number of channels up to 6
— Sample size 16 or 24 bits per channel
— IEC-958, output up to 40 Mbits/sec
s ACCESS.bus Interface:
— Supported modes single master only
— Addressing 7-bit
— Rates up to 400 Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com