Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1301 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CS1301 Datasheet HTML 12Page - National Semiconductor (TI) CS1301 Datasheet HTML 13Page - National Semiconductor (TI) CS1301 Datasheet HTML 14Page - National Semiconductor (TI) CS1301 Datasheet HTML 15Page - National Semiconductor (TI) CS1301 Datasheet HTML 16Page - National Semiconductor (TI) CS1301 Datasheet HTML 17Page - National Semiconductor (TI) CS1301 Datasheet HTML 18Page - National Semiconductor (TI) CS1301 Datasheet HTML 19Page - National Semiconductor (TI) CS1301 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.national.com
16
Revision 2.2
Signal Definitions (Continued)
2.2.4
Video In Interface Signals
Signal Name
Ball
No
Type
Description
VI_CLK
C20
I/O
Clock. This signal can be configured as either an input or an output:
If configured as an input (power-up default): A positive transition on this
incoming video clock pin samples VI_DATA[09:00] if VI_DVALID is high.
If VI_DVALID is low, VI_DATA[09:00] is ignored. Clock and data rates of
up to 81 MHz are supported. The CS1301/CS1311 supports an addi-
tional mode where VI_DATA[09:08] in message passing mode are not
affected by the VI_DVALID signal.
If configured as an output: VI_CLK performs as a programmable output
clock to drive an external video A/D converter. It can be programmed to
emit integral dividers of DSPCPU_CLK.
If used as an output, a board level 27 to 33
Ω series resistor is recom-
mended to reduce ringing.
VI_DVALID
A17
I
Data Valid. VI_DVALID indicates that valid data is present on
VI_DATA[09:00]. If high, VI_DATA will be accepted on the next VI_CLK
positive edge. If low, VI_DATA[09:00] will not be sampled. However, the
CS1301/CS1311 supports an additional mode where VI_DATA[9:8] in
message passing mode are not affected by the VI_DVALID signal.
VI_DATA[07:00]
B18, C17,
A19, A20,
B19, B20,
C19, D18
I
Data Bus Lines [7:0]. CCIR-656 style YUV 4:2:2 data from a digital
camera or general purpose high speed data input pins. Sampled on
VI_CLK if VI_DVALID is high.
VI_DATA[09:08]
B17, A18
Data Bus Lines [9:8]. Extension high speed data input bits to allow use
of 10-bit video A/D converters in raw10 modes. VI_DATA[08] serves as
START and VI_DATA[09] as END message input in message passing
mode. Sampled on positive transitions of VI_CLK if VI_DVALID is high.
The CS1301/CS1311 supports an additional mode where
VI_DATA[09:08] in message passing mode are not affected by the
VI_DVALID signal.
Note:
Video In and Audio In are supported by third party software solutions, not by the National solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com