Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1301 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CS1301 Datasheet HTML 17Page - National Semiconductor (TI) CS1301 Datasheet HTML 18Page - National Semiconductor (TI) CS1301 Datasheet HTML 19Page - National Semiconductor (TI) CS1301 Datasheet HTML 20Page - National Semiconductor (TI) CS1301 Datasheet HTML 21Page - National Semiconductor (TI) CS1301 Datasheet HTML 22Page - National Semiconductor (TI) CS1301 Datasheet HTML 23Page - National Semiconductor (TI) CS1301 Datasheet HTML 24Page - National Semiconductor (TI) CS1301 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.national.com
22
Revision 2.2
Signal Definitions (Continued)
2.3
REFERENCE VOLTAGES
Outputs always drive to a level determined by the 3.3V I/O
voltage, with the exception of Open Drain mode outputs.
VREF_PERIPH and VREF_PCI determine input voltage
clamping, not input signal thresholds or output levels.
VREF_PCI
Determined Mode
VREF_PERIPH
Determined Mode
SDRAM Interface
(3.3V Mode)
Inputs
(3.3V Mode)
Output Only
Pins
PCI_AD00
PCI_AD27
TRI_USERIRQ
MM_CLK0
MM_DQM2
TRI_CLKIN
VO_DATA0
PCI_AD01
PCI_AD28
TRI_TIMER_CLK
MM_CLK1
MM_DQM3
BOOT_CLK
VO_DATA1
PCI_AD02
PCI_AD29
JTAG_TDI
MM_A00
MM_DQ13
TESTMODE
VO_DATA2
PCI_AD03
PCI_AD30
JTAG_TDO
MM_A01
MM_DQ14
SCANCPU
VO_DATA3
PCI_AD04
PCI_AD31
JTAG_TCK
MM_A02
MM_DQ15
VO_DATA4
PCI_AD05
PCI_CLK
JTAG_TMS
MM_A03
MM_DQ16
VO_DATA5
PCI_AD06
PCI_C/BE#0
VI_CKL
MM_A04
MM_DQ17
VO_DATA6
PCI_AD07
PCI_C/BE#1
VI_DVALID
MM_A05
MM_DQ18
VO_DATA7
PCI_AD08
PCI_C/BE#2
VI_DATA0
MM_A06
MM_DQ19
AO_OSCLK
PCI_AD09
PCI_C/BE#3
VI_DATA1
MM_A07
MM_DQ20
AO_SCK
PCI_AD10
PCI_PAR
VI_DATA2
MM_A08
MM_DQ21
AO_SD1
PCI_AD11
PCI_FRAME#
VI_DATA3
MM_A09
MM_DQ22
AO_SD2
PCI_AD12
PCI_IRDY#
VI_DATA4
MM_A10
MM_DQ23
AO_SD3
PCI_AD13
PCI_TRDY#
VI_DATA5
MM_A11
MM_DQ24
AO_SD4
PCI_AD14
PCI_STOP#
VI_DATA6
MM_A12
MM_DQ25
SPDO
PCI_AD15
PCI_IDSEL
VI_DATA7
MM_A13
MM_DQ26
PCI_AD16
PCI_DEVSEL#
VI_DATA8
MM_DQ00
MM_DQ27
PCI_AD17
PCI_REQ#
VI_DATA9
MM_DQ01
MM_DQ28
PCI_AD18
PCI_GNT#
IIC_SDA
MM_DQ02
MM_DQ29
PCI_AD19
PCI_PERR#
IIC_SCL
MM_DQ03
MM_DQ30
PCI_AD20
PCI_SERR#
VO_IO1
MM_DQ04
MM_DQ31
PCI_AD21
PCI_INTA#
VO_IO2
MM_DQ05
MM_CKE0
PCI_AD22
PCI_INTB#
VO_CLK
MM_DQ06
MM_CKE1
PCI_AD23
PCI_INTC#
AI_SCK
MM_DQ07
MM_CS0#
PCI_AD24
PCI_INTD#
AI_SD
MM_DQ08
MM_CS1#
PCI_AD25
TRI_RESET#
AI_WS
MM_DQ09
MM_CS2#
PCI_AD26
AO_SCK
MM_DQ10
MM_CS3#
AO_WS
MM_DQ11
MM_RAS#
MM_DQ12
MM_CAS#
MM_DQM0
MM_WE#
MM_DQM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com