Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1301 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CS1301 Datasheet HTML 1Page - National Semiconductor (TI) CS1301 Datasheet HTML 2Page - National Semiconductor (TI) CS1301 Datasheet HTML 3Page - National Semiconductor (TI) CS1301 Datasheet HTML 4Page - National Semiconductor (TI) CS1301 Datasheet HTML 5Page - National Semiconductor (TI) CS1301 Datasheet HTML 6Page - National Semiconductor (TI) CS1301 Datasheet HTML 7Page - National Semiconductor (TI) CS1301 Datasheet HTML 8Page - National Semiconductor (TI) CS1301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Revision 2.2
3
www.national.com
1.0
System Architecture
The CS1301/CS1311 multimedia companion acts as a
coprocessor to decode multimedia in National’s Geode
SC1200/SC1201, SC2200, and SC3200 (SCx200 unless
otherwise specified). Figure 1-1 provides a typical system
block diagram.
Media decoding is one of the most demanding system
applications. If media is decoded on the main processor, a
much higher performance processor is required to achieve
even comparable levels of media decoding quality. Such a
system would be significantly over-designed for other
tasks, such as browsing the Internet. Using a low-cost pro-
cessor that is ideally suited for all tasks, and adding the
coprocessor for the high performance media decoding
requirement, results in a cost-effective solution.
Another advantage of an processor/coprocessor solution is
that an OEM (Original Equipment Manufacturer) can pro-
vide a scalable solution. A single board can be designed
that supports the coprocessor. If it is desired to support a
low-end product that does not support the high quality
media decoding capabilities, the coprocessor and its sup-
porting components can be excluded from the system,
which results in additional savings in an already cost-effec-
tive design.
1.1
IMPORTANT DESIGN NOTE
The CS1301/CS1311 was designed to be a general pur-
pose media data processor. As such, the CS1301/CS1311
is
capable
of
far
more
than the current
National
CS1301/CS1311 solution. The solution that National is pro-
viding
is
only
one
possible implementation of
the
CS1301/CS1311 and only this implementation is fully sup-
ported by National Semiconductor. In order to maintain
software compatibility with National’s provided software,
any deviation of the CS1301/CS1311 section of the sche-
matic is strongly discouraged.
For those wishing to deviate from the schematic, or wishing
to
take
advantage
of
other
features
of
the
CS1301/CS1311, documentation is available on the Philips
Semiconductors SDE CD-ROM to support design varia-
tions. However, additional support to implement these vari-
ations must be obtained from one of the TriMedia Alliance
Partners who support the CS1301/CS1311, its software,
and the peripheral functions.
For a list of TriMedia Alliance Partners, visit:
http://www.trimedia.com/TAPP/
Figure 1-1. System Block Diagram
Sub-ISA
USB 1,2,3
Flash or
M-Systems’
DiskOnChip
Display: TV, CRT, or TFT
SDRAM
PCI Bus
AMP
LM4880
Codec
LM4549
XpressROM
BIOS
IRDA
IDE
CompactFlash
CCIR 656 VIP
WM8725
DAC
GeodeTM
CS1301/
CS1311
GeodeTM
SCx200
SDRAM
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com