Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1301 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button CS1301 Datasheet HTML 17Page - National Semiconductor (TI) CS1301 Datasheet HTML 18Page - National Semiconductor (TI) CS1301 Datasheet HTML 19Page - National Semiconductor (TI) CS1301 Datasheet HTML 20Page - National Semiconductor (TI) CS1301 Datasheet HTML 21Page - National Semiconductor (TI) CS1301 Datasheet HTML 22Page - National Semiconductor (TI) CS1301 Datasheet HTML 23Page - National Semiconductor (TI) CS1301 Datasheet HTML 24Page - National Semiconductor (TI) CS1301 Datasheet HTML 25Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Revision 2.2
21
www.national.com
Signal Definitions (Continued)
2.2.12 Power, Ground, and No Connections
Signal Name
Ball
No.
Type
Description
VDDQ
K20
PWR
Quiet VDD for the PLL Subsystem. Should be supplied from VDD
through a low-Q series inductor. It should be bypassed for AC to VSSQ,
using a dual capacitor bypass (high and low frequency AC bypass).
VSSQ
L19
GND
Quiet VSS for the PLL Subsystem. ShouldbeAC bypassed toVDDQ,
otherwise left DC floating. It is connected on-chip to VSS.Noexternal
coil or other connection to board ground is needed; such a connection
would create a ground loop.
VDD
See Table
2-3 on
page 12
PWR
2.5V CS1301 Core Power Connection (Total of 24).
2.2V CS1311 Core Power Connection (Total of 24).
VCC
See Table
2-3 on
page 12
PWR
3.3V I/O Power Connection (Total of 24).
VSS
See Table
2-3 on
page 12
GND
Ground Connection (Total of 50).
NC
A9, A10,
A11, B9,
B10, B11,
E19, D19
---
No Connection. For normal operation, leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com