Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1301 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1301
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1301 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS1301 Datasheet HTML 10Page - National Semiconductor (TI) CS1301 Datasheet HTML 11Page - National Semiconductor (TI) CS1301 Datasheet HTML 12Page - National Semiconductor (TI) CS1301 Datasheet HTML 13Page - National Semiconductor (TI) CS1301 Datasheet HTML 14Page - National Semiconductor (TI) CS1301 Datasheet HTML 15Page - National Semiconductor (TI) CS1301 Datasheet HTML 16Page - National Semiconductor (TI) CS1301 Datasheet HTML 17Page - National Semiconductor (TI) CS1301 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.national.com
14
Revision 2.2
Signal Definitions (Continued)
2.2.2
Memory Interface Signals
Signal Name
Ball
No.
Type
Description
MM_CLK0
Y10
O
SDRAM Output Clock (at 2x or 3x TRI_CLKIN frequency). Two identi-
cal outputs are provided to reliably drive several small memory configu-
rations without external glue. A series terminating resistor close to
CS1301/CS1311 is required to reduce ringing.
For driving a 50
Ω trace, a resistor of 27 to 33Ω is recommended. The
use of higher impedance traces in the SDRAM signals is not recom-
mended.
MM_CLK1
W10
MM_A[13:00]
See Table
2-3 on
page 12
O
Address Bus. Used for row and column addresses.
WARNING: Do not connect MM_A[13:11] directly to SDRAM A[13:11]
pins. Refer to Chapter 12 SDRAM Memory System of the Philips Semi-
conductor
PNX1300 Series Media Processors Data Book for accurate
connection diagrams.
MM_DQ[31:00]
See Table
2-3 on
page 12
I/O
32-Bit Data I/O Bus. The Main Memory Interface module also supports
a 16-bit I/O interface.
MM_CKE0
Y19
O
Clock Enable Output to SDRAMs. Two identical outputs are provided
in order to reliably drive several small memory configurations without
external glue.
MM_CKE1
U1
MM_CS0#
U2
O
Chip Select for DRAM rank n; active low. The chip select pins may be
used as address pins to support the 256-Mbit SDRAM device organized
in x16.
MM_CS1#
U20
MM_CS2#
U3
MM_CS3#
U19
MM_RAS#
W14
O
Row Address Strobe; active low.
MM_CAS#
Y15
O
Column Address Strobe; active low.
MM_WE#
W15
O
Write Enable; active low.
MM_DQM0
T19
O
Data Mask Enable. These are byte-enable signals for the 32-bit
MM_DQ bus.
MM_DQM1
R18
MM_DQM2
V1
MM_DQM3
V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com