Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1311 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1311
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CS1311 Datasheet HTML 14Page - National Semiconductor (TI) CS1311 Datasheet HTML 15Page - National Semiconductor (TI) CS1311 Datasheet HTML 16Page - National Semiconductor (TI) CS1311 Datasheet HTML 17Page - National Semiconductor (TI) CS1311 Datasheet HTML 18Page - National Semiconductor (TI) CS1311 Datasheet HTML 19Page - National Semiconductor (TI) CS1311 Datasheet HTML 20Page - National Semiconductor (TI) CS1311 Datasheet HTML 21Page - National Semiconductor (TI) CS1311 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.national.com
18
Revision 2.2
Signal Definitions (Continued)
2.2.6
Audio In Interface Signals
Signal Name
Ball
No.
Type
Description
AI_OSCLK
B15
O
Over-Sampling Clock. This output can be programmed to emit any fre-
quency up to 40 MHz with a sub-Hertz resolution. It is intended for use
as the 256fs or 384fs over-sampling clock by external A/D subsystem. A
board level 27 to 33
Ω series resistor is recommended to reduce ringing.
AI_SCK
A16
I/O
Serial Clock. When the AI module is programmed as a serial-interface
timing slave (power-up default), AI_SCK is an input. AI_SCK receives
the serial bit clock from the external A/D subsystem. This clock is treated
as fully asynchronous to the CS1301/CS1311 main clock.
When the AI module is programmed as the serial-interface timing mas-
ter, AI_SCK is an output. AI_SCK drives the serial clock for the external
A/D subsystem. The frequency is a programmable integral divisor of the
AI_OSCLK frequency.
AI_SCK is limited to 22 MHz. The sample rate of valid samples embed-
ded within the serial stream is variable. If used as an output, a board
level27to33
Ω series resistor is recommended to reduce ringing.
AI_SD
C15
I
Serial Data. Serial data from external A/D subsystem. Data on this pin is
sampled on positive or negative edges of AI_SCK as determined by the
CLOCK_EDGE bit in the AI_SERIAL register.
AI_WS
B16
I/O
Word-Select. AI_WS is the word-select or frame-synchronization signal
from/to the external A/D subsystem.
When the AI module is programmed as the serial-interface timing slave
(power-up default), AI_WS acts as an input. AI_WS is sampled on the
same edge as selected for AI_SD.
When the AI module is programmed as the serial-interface timing mas-
ter, AI_WS acts as an output. It is asserted on the opposite edge of the
AI_SD sampling edge.
Note:
The AI module always acts as receiver, but can be master or slave for A/D timing.
Video In and Audio In are supported by third party software solutions, not by the National solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com