Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1311 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1311
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS1311 Datasheet HTML 9Page - National Semiconductor (TI) CS1311 Datasheet HTML 10Page - National Semiconductor (TI) CS1311 Datasheet HTML 11Page - National Semiconductor (TI) CS1311 Datasheet HTML 12Page - National Semiconductor (TI) CS1311 Datasheet HTML 13Page - National Semiconductor (TI) CS1311 Datasheet HTML 14Page - National Semiconductor (TI) CS1311 Datasheet HTML 15Page - National Semiconductor (TI) CS1311 Datasheet HTML 16Page - National Semiconductor (TI) CS1311 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Revision 2.2
13
www.national.com
Signal Definitions (Continued)
2.2
SIGNAL DESCRIPTIONS
2.2.1
System Interface Signals
Signal Name
Ball
No.
Type
Description
TRI_CLKIN
L20
I
Main Input Clock. The SDRAM clock outputs (MM_CLK0 and
MM_CLK1) can be set to 2x or 3x this frequency. The on-chip DSPCPU
clock (DSPCPU_CLK) can be set to 1x, 5/4, 4/3, 3/2 or 2x the SDRAM
clock frequency. The maximum recommended ppm level is ±100 ppm or
lower to improve jitter on generated clocks. The duty cycle should not
exceed 30/70% asymmetry.
The operating limits of the internal PLLs are:
• 27 MHz < Output of the SDRAM PLL < 200 MHz
• 33 MHz < Output of the CPU PLL < 266 MHz
These are not the speed grades of the chips, just the PLL limits.
TRI_USERIRQ
G20
I
General Purpose Level/Edge Interrupt Input. Vectored interrupt
source number 4.
TRI_TIMER_CLK
H19
I
External General Purpose Clock Source for Timers. Maximum 40
MHz.
TRI_RESET#
G19
I
CS1301/CS1311 RESET Input. This pin can be tied to the PCI_RST#
signal in the PCI bus systems. Upon releasing RESET, CS1301/CS1311
initiates its boot protocol.
VREF_PCI
F2
PWR
PCI Voltage Reference. Determines the mode of operation of the PCI
pins. VREF_PCI must be connected to VSS (0V) for use in 3.3V PCI sig-
naling environment, as is the case for a Geode SCx200 system.
The supply to this pin should be AC bypassed and provide 40 mA of DC
sink or source capability.
VREF_PERIPH
C18
PWR
Peripheral Voltage Reference. Determines the mode of operation of
the I/O pins listed in Section 2.3 "Reference Voltages" on page 22.
VREF_PERIPH must be connected to 5.0V if the designated I/O pins
listed in Section 2.3 should be 5.0V input voltage capable.
VREF_PERIPH must be connected to VSS (0V) if the designated I/O
pins listed in Section 2.3 are 3.3V only inputs.
The supply to this pin should be AC bypassed and provide 40 mA of DC
sink or source capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com