Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1311 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1311
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CS1311 Datasheet HTML 8Page - National Semiconductor (TI) CS1311 Datasheet HTML 9Page - National Semiconductor (TI) CS1311 Datasheet HTML 10Page - National Semiconductor (TI) CS1311 Datasheet HTML 11Page - National Semiconductor (TI) CS1311 Datasheet HTML 12Page - National Semiconductor (TI) CS1311 Datasheet HTML 13Page - National Semiconductor (TI) CS1311 Datasheet HTML 14Page - National Semiconductor (TI) CS1311 Datasheet HTML 15Page - National Semiconductor (TI) CS1311 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.national.com
12
Revision 2.2
Signal Definitions (Continued)
Table 2-3. Ball Assignment Sorted Alphabetically by Signal Name
Signal Name
Ball No.
AI_OSCLK
B15
AI_SCK
A16
AI_SD
C15
AI_WS
B16
AO_OSCLK
B14
AO_SCK
A14
AO_SD1
B13
AO_SD2
A13
AO_SD3
C12
AO_SD4
B12
AO_WS
A15
BOOT_CLK
T20
IIC_SCL
R20
IIC_SDA
R19
JTAG_TCK
F19
JTAG_TDI
F20
JTAG_TDO
F18
JTAG_TMS
E20
MM_A00
W12
MM_A01
Y12
MM_A02
W11
MM_A03
Y11
MM_A04
Y9
MM_A05
W9
MM_A06
V9
MM_A07
Y8
MM_A08
W8
MM_A09
Y7
MM_A10
V12
MM_A11
Y13
MM_A12
W13
MM_A13
Y14
MM_CAS#
Y15
MM_CKE0
Y19
MM_CKE1
U1
MM_CLK0
Y10
MM_CLK1
W10
MM_CS0#
U2
MM_CS1#
U20
MM_CS2#
U3
MM_CS3#
U19
MM_DQ00
Y20
MM_DQ01
V18
MM_DQ02
W19
MM_DQ03
W20
MM_DQ04
U18
MM_DQ05
V19
MM_DQ06
V20
MM_DQ07
T18
MM_DQ08
W18
MM_DQ09
V17
MM_DQ10
Y18
MM_DQ11
W17
MM_DQ12
Y17
MM_DQ13
W16
MM_DQ14
Y16
MM_DQ15
V15
MM_DQ16
W7
MM_DQ17
Y6
MM_DQ18
W6
MM_DQ19
V6
MM_DQ20
Y5
MM_DQ21
W5
MM_DQ22
Y4
MM_DQ23
W4
MM_DQ24
V2
MM_DQ25
V3
MM_DQ26
W1
MM_DQ27
W2
MM_DQ28
Y1
MM_DQ29
Y2
MM_DQ30
W3
MM_DQ31
Y3
MM_DQM0
T19
MM_DQM1
R18
MM_DQM2
V1
MM_DQM3
V4
MM_RAS#
W14
MM_WE#
W15
NC (Total of 8)
A9, A10,
A11, B9,
B10, B11,
E19, D19
PCI_AD00
T1
PCI_AD01
R3
PCI_AD02
R2
PCI_AD03
R1
PCI_AD04
P2
PCI_AD05
P1
PCI_AD06
N2
PCI_AD07
N1
PCI_AD08
M2
PCI_AD09
M1
PCI_AD10
L2
PCI_AD11
L1
PCI_AD12
K1
PCI_AD13
K2
PCI_AD14
J1
PCI_AD15
J2
PCI_AD16
D1
PCI_AD17
D3
PCI_AD18
C1
PCI_AD19
B2
PCI_AD20
B1
PCI_AD21
C2
Signal Name
Ball No.
PCI_AD22
C3
PCI_AD23
A1
PCI_AD24
A3
PCI_AD25
C4
PCI_AD26
B4
PCI_AD27
A4
PCI_AD28
A5
PCI_AD29
C6
PCI_AD30
B6
PCI_AD31
A6
PCI_C/BE0#
M3
PCI_C/BE1#
J3
PCI_C/BE2#
D2
PCI_C/BE3#
B3
PCI_CLK
T2
PCI_DEVSEL#
F1
PCI_FRAME#
E2
PCI_GNT#
B5
PCI_IDSEL
A2
PCI_INTA#
C9
PCI_INTB#
A8
PCI_INTC#
B8
PCI_INTD#
A7
PCI_IRDY#
E1
PCI_PAR
H1
PCI_PERR#
G1
PCI_REQ#
B7
PCI_SERR#
H2
PCI_STOP#
G2
PCI_TRDY#
F3
SCANCPU
D20
SPDO
A12
TESTMODE
P19
TRI_CLKIN
L20
TRI_RESET#
G19
TRI_TIMER_CLK
H19
TRI_USERIRQ
G20
VCC (3.3V I/O
Power Supply,
Total of 40)
C7, C10,
C11, C14,
D6, D7, D10,
D11, D14,
D15, F4,
F17, G3, G4,
G17, G18,
K3, K4, K17,
K18, L3, L4,
L17, L18, P3,
P4, P17,
P18, R4,
R17, U6, U7,
U10, U11,
U14, U15,
V7, V10,
V11, V14
Signal Name
Ball No.
VDD (2.5V Core
Power Supply,
Total of 24)
C8,C13,D8,
D9, D12,
D13, H3, H4,
H17, H18,
J4,J17,M4,
M17, N3, N4,
N17, N18,
U8, U9, U12,
U13, V8, V13
VDDQ
K20
VI_CLK
C20
VI_DATA0
D18
VI_DATA1
C19
VI_DATA2
B20
VI_DATA3
B19
VI_DATA4
A20
VI_DATA5
A19
VI_DATA6
C17
VI_DATA7
B18
VI_DATA8
A18
VI_DATA9
B17
VI_DVALID
A17
VO_CLK
J19
VO_DATA0
P20
VO_DATA1
N19
VO_DATA2
N20
VO_DATA3
M18
VO_DATA4
M19
VO_DATA5
M20
VO_DATA6
K19
VO_DATA7
J20
VO_IO1
J18
VO_IO2
H20
VREF_PCI
F2
VREF_PERIPH
C18
VSS (Ground Con-
nection, Total of
55)
C5,C16,D4,
D5, D16,
D17, E3, E4,
E17, E18,
H8, H9, H10,
H11, H12,
H13, J8, J9,
J10, J11,
J12, J13, K8,
K9, K10,
K11, K12,
K13, L8, L9,
L10, L11,
L12, L13,
M8, M9,
M10, M11,
M12, M13,
N8, N9, N10,
N11, N12,
N13, T3, T4,
T17, U4, U5,
U16, U17,
V5, V16,
VSSQ
L19
Signal Name
Ball No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com