Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1311 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1311
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS1311 Datasheet HTML 15Page - National Semiconductor (TI) CS1311 Datasheet HTML 16Page - National Semiconductor (TI) CS1311 Datasheet HTML 17Page - National Semiconductor (TI) CS1311 Datasheet HTML 18Page - National Semiconductor (TI) CS1311 Datasheet HTML 19Page - National Semiconductor (TI) CS1311 Datasheet HTML 20Page - National Semiconductor (TI) CS1311 Datasheet HTML 21Page - National Semiconductor (TI) CS1311 Datasheet HTML 22Page - National Semiconductor (TI) CS1311 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Revision 2.2
19
www.national.com
Signal Definitions (Continued)
2.2.7
Audio Out Interface Signals
Signal Name
Ball
No.
Type
Description
AO_OSCLK
B14
O
Over-Sampling Clock. This output can be programmed to emit any fre-
quency up to 40 MHz, with a sub-Hertz resolution. It is intended for use
as the 256 or 384 fs over-sampling clock by the external D/A conversion
subsystem. A board-level 27 to 33
Ω series resistor is recommended to
reduce ringing.
AO_SCK
A14
I/O
Serial Clock. When the Audio Out (AO) module is programmed to act as
the serial interface timing slave (power-up default), AO_SCK acts as an
input. It receives the Serial Clock from the external audio D/A sub-
system. The clock is treated as fully asynchronous to the
CS1301/CS1311 main clock.
When the AO module is programmed to act as the serial interface timing
master, AO_SCK acts as an output. It drives the serial clock for the
external audio D/A subsystem. The clock frequency is a programmable
integral divisor of the AO_OSCLK frequency. AO_SCK is limited to 22
MHz. The sample rate of valid samples embedded within the serial
stream is variable. If used as an output, a board-level 27 to 33
Ω series
resistor is recommended to reduce ringing.
AO_SD1
B13
O
Serial Data Buses. Serial data to external stereo audio D/A subsystem.
The timing of transitions on this output is determined by the
CLOCK_EDGE bit in the AO_SERIAL register, and can be on positive or
negative AO_SCK edges.
AO_SD2
A13
AO_SD3
C12
AO_SD4
B12
AO_WS
A15
I/O
Word-Select or Frame synchronization. Signal from/to the external
D/A subsystem. Each audio channel receives 1 sample for every WS
period.
When the AO module is programmed as the serial interface timing slave
(power-up default), AO_WS acts as an input. AO_WS is sampled on the
opposite AO_SCK edge from which AO_SDx are asserted.
When the AO module is programmed as serial interface timing master,
AO_WS acts as an output. AO_WS is asserted on the same AO_SCK
edge as AO_SDx.
Note:
The AO module always acts as sender, but can be master or slave for D/A timing.
2.2.8
S/PDIF Interface Signals
Signal Name
Ball
No.
Type
Description
SPDO
A12
O
S/PDIF Data Out. Self-clocking serial data stream as per IEC958, with
1937 extensions. Note that the low impedance output buffer requires a
27 to 33
Ω series terminator close to CS1301/CS1311 in order to match
the board trace impedance. This series terminator must be part of the
voltage divider needed to create the coaxial output through the AC isola-
tion transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com