Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1311 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1311
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CS1311 Datasheet HTML 1Page - National Semiconductor (TI) CS1311 Datasheet HTML 2Page - National Semiconductor (TI) CS1311 Datasheet HTML 3Page - National Semiconductor (TI) CS1311 Datasheet HTML 4Page - National Semiconductor (TI) CS1311 Datasheet HTML 5Page - National Semiconductor (TI) CS1311 Datasheet HTML 6Page - National Semiconductor (TI) CS1311 Datasheet HTML 7Page - National Semiconductor (TI) CS1311 Datasheet HTML 8Page - National Semiconductor (TI) CS1311 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.national.com
4
Revision 2.2
System Architecture (Continued)
1.2
SOFTWARE
The CS1301/CS1311 software and reference schematic is
provided for a system that decodes media quickly with no
original software development needed. As part of the
CS1301/CS1311 purchase (see Section A.1 "Ordering
Information" on page 24 for purchase details), National will
license for the use of the operating system drivers and
media decoder codecs in object form, which include:
• Communications manager driver.
• Video filter: Takes the video from the VIP (Video Input
Port) of the Geode SCx200 and plays it back through
the operating system media player.
• Various multimedia codecs.
1.2.1
Software Support
National provides a reference schematic and the associ-
ated software for a processor/coprocessor solution using
the Geode SCx200 and the CS1301/CS1311. This imple-
mentation is currently supplied as a multimedia decoder for
CE player under Microsoft Windows CE.net or Linux.
Future support for Microsoft Windows XP is planned. Since
this is a software-based DSP (Digital Signal Processor)
coprocessor rather than strictly a silicon-based coproces-
sor, the software can be upgraded to support evolving
media standards without a redesign of the hardware.
1.2.2
Software Features Support
The CS1301/CS1311 multimedia solution supports the fol-
lowing software components:
General Support
• Reverse 3:2 pull down
• Progressive display output
• Capture Video Input
MPEG-1 Decoding
• System stream (ISO 11172-1):
—Up to 1.5 Mbps
• Video stream (ISO 11172-2):
— CIF (up to 360x288) resolution
— 29.97 fps (NTSC)
—25 fps (PAL)
— Upto 1.12Mbps
• Audio stream (ISO 11172-3): MPEG-1 layers 1 and 2:
— Up to 384 Kbps, 32 KHz, 44.1 KHz or 48 KHz sample
rate
MPEG-2 Decoding
• Program stream (ISO 13818-1): DVD style MPEG-2
program stream
• Video stream (ISO 13818-2) - Main level at main profile:
— Full screen NTSC (720x480) at 29.97 fps
— Full screen PAL (720x576) at 25 fps
• Audio stream - MPEG-2 audio:
— Layers 1 and 2 (ISO 13818-3) at 32 KHz, 44.1 KHz or
48 KHz sample rate
— AC3 audio at 32 KHz, 44.1 KHz or 48 KHz sample
rate
MPEG-1, MPEG-2 Layer 3 Audio Decoding (MP3)
• Up to 384 Kbps
• Up to 48 KHz sample rate
• Fixed bit rate decoding
MPEG-4 Decoding
• Video stream - “Simple profile”:
— CIF resolution at 30 fps, up to 384 Kbps
• Audio stream - “High quality profile”:
— MPEG-4 AAC low complexity and MPEG-4 CELP
WMT (Windows Media Technology) Decoding
• Video stream - Windows Media Video v8, also supports
v7 decode:
— CIF resolution at 30 fps, up to 1 Mbps
• Audio stream - Windows Media Audio v8, also supports
v7 decode:
— Up to 128 Kbps and 48 KHz sample rate
Windows Media Player Integration
An implementation has been developed to seamlessly inte-
grate Windows Media Player with WindowsCE.net or
Linux. National has taken advantage of the native playback
features supported by Microsoft DirectShow and has
extended that functionality to the CS1301/CS1311. Win-
dowsCE.net ships with an ActiveX control that wraps the
filter graph manager and provides a very high level API
(Application Programming Interface). It also supports a
browser plug-in. An application writer can use the ActiveX
control interface to playback MPEG-1/MPEG-2 media
types. The user can also open the MPEG-1/MPEG-2/WMT
files in Windows Media Player by double clicking on the file
or by launching WMP, then opening the selected media.
New codecs are continually being developed and added
(see National’s IA Developer’s web site for a list of sup-
ported codecs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com