Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1311 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS1311
Description  Media Coprocessor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS1311 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CS1311 Datasheet HTML 1Page - National Semiconductor (TI) CS1311 Datasheet HTML 2Page - National Semiconductor (TI) CS1311 Datasheet HTML 3Page - National Semiconductor (TI) CS1311 Datasheet HTML 4Page - National Semiconductor (TI) CS1311 Datasheet HTML 5Page - National Semiconductor (TI) CS1311 Datasheet HTML 6Page - National Semiconductor (TI) CS1311 Datasheet HTML 7Page - National Semiconductor (TI) CS1311 Datasheet HTML 8Page - National Semiconductor (TI) CS1311 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© 2002 National Semiconductor Corporation
1
www.national.com
General Description
The National Semiconductor® Geode™ CS1301 and
CS1311 multimedia companions act as coprocessors to
decode multimedia in National’s Geode single chip proces-
sor-based systems (i.e., SC1200/SC1201, SC2200, and
SC3200, hereafter referred to as SCx200). They provide a
multimedia experience for an Information Appliance (IA)
user that cannot typically be achieved on a PC.
By implementing a dedicated coprocessor to perform multi-
media tasks, a high quality video viewing experience can
be achieved. This high quality is achieved by having a
coprocessor architecture that is ideally suited for decoding
digital media. In addition, since the decoding is not occur-
ring on the SCx200, system events cannot interrupt the
coprocessor’s task of decoding media and thereby causing
stuttering of sound or interruptions in the video.
Lower power consumption can also be achieved using the
SCx200/CS1301
or
SCx200/CS1311
solution.
The
CS1301/CS1311 has an architecture specifically designed
for decoding media. The architecture is such that while
decoding media, power is not consumed by portions of the
system that are not used to decode media. Since the
SCx200 is not decoding the media locally, it is able to go
into a lower power state. When the CS1301/CS1311 is not
decoding media, it uses almost no power.
Additionally, since the architecture is designed for decoding
media, fewer CS1301/CS1311 cycles are required.
Internal Block Diagram
2/4/6/8 Ch. Digital Audio
16/32-Bit Data I2SDC,
up to 22 MHz AO_SCK
IEC958 up to 40 Mbit/sec
Huffman Decoder
Slice-At-A-Time
MPEG-1 & 2
CCIR-656 Digital Video
32-Bit Data
(up to 664 MB/sec)
Down and Up Scaling
YUV --> RGB
(50 Mpix/sec)
PCI V2.1 (32 bits, 33 MHz)
External Bus
ACCESS.bus Interface
to EEPROM
Video In
SDRAM
PCI Interface
Video Out
Audio In
Audio Out
S/PDIF Out
ACCESS.bus
Interface
VLD
Coprocessor
Timers
VLIW
CPU
32K I$
16K D$
Image
Coprocessor
Main Memory Interface
Stereo Digital Audio
8/16-bit data I2SDC,
up to 22 MHz AI_SCK
CCIR-656 Digital Video
YUV 4:2:2 up to 81 MHz
(40 Mpix/sec)
Preliminary
August 2002
Revision 2.2
Geode™ CS1301/CS1311 Multimedia Companion:
Media Coprocessor
National Semiconductor and Virtual System Architecture are registered trademarks of National Semiconductor Corporation.
Geode, MacPHYTER, WebPAD, and VSA are trademarks of National Semiconductor Corporation.
For a complete listing of National Semiconductor trademarks, please visit www.national.com/trademarks.


Similar Part No. - CS1311

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS131 COTO-CS131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CS131 COTO-CS131 Datasheet
633Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results

Similar Description - CS1311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC200 AD-ADMC200 Datasheet
134Kb / 12P
Motion Coprocessor
REV.B
ADMC201 AD-ADMC201 Datasheet
146Kb / 15P
Motion Coprocessor
REV.B
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
MATH COPROCESSOR
logo
Gennum Corporation
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
EDH COPROCESSOR
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
Maxwell Technologies
80387DX MAXWELL-80387DX Datasheet
444Kb / 17P
Math Coprocessor
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
EDH Coprocessor
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
EDH Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
Motion Coprocessor
REV. B
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
Motion Coprocessor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com