Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFF Datasheet(PDF) 13 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M59DR032E-ZFF Datasheet HTML 9Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 10Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 11Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 12Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 13Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 14Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 15Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 16Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13/43
M59DR032EA, M59DR032EB
s
The fourth latches the Address and the Data to
be written to the Protection Register and starts
the Program/Erase Controller.
Read operations output the Status Register con-
tent after the programming has started.
The OTP segment can be protected by program-
ming bit 1 of the Protection Register Lock. The
segment can be protected by programming bit 1 of
the Protection Register Lock. Bit 1 of the Protec-
tion Register Lock also protects bit 2 of the Protec-
tion Register Lock. Programming bit 2 of the
Protection Register Lock will result in a permanent
protection of Parameter Block #0 (see Figure 4,
Security Block and Protection Register Memory
Map). Attempting to program a previously protect-
ed Protection Register will result in a Status Reg-
ister error. The protection of the Protection
Register and/or the Security Block is not revers-
ible.
Table 4. Commands
Note: X = Don’t Care, BA = Block Address, PA = Program address, PD = Program Data, CRD = Configuration Register Data. For Coded
cycles address inputs A12-A20 are don’t care.
Commands
Bus Operations
1st
2nd
3rd
4th
5th
6th
7th
Add Data
Add
Data
Add
Dat
a
Add Data Add Data Add Data Add Data
Read/Reset
1+
X
F0h
Read Memory Array until a new write cycle is initiated.
3+ 555h
AAh 2AAh 55h
555h F0h
Read Memory Array until a new write cycle is
initiated.
CFI Query
1+
55h
98h
Read CFI and Electronic Signature until a Read/Reset command is issued.
Auto Select
3+ 555h
AAh 2AAh 55h
555h 90h
Read Protection Register, Block Protection or
Configuration Register Status until a Read/Reset
command is issued.
Set Configuration
Register
4 555h
AAh 2AAh 55h
555h 60h CRD
03h
Program
4 555h
AAh 2AAh 55h
555h A0h
PA
PD
Read Data Polling or Toggle Bit until
Program completes.
Double Word Program
5 555h
AAh 2AAh 55h
555h 40h
PA1
PD1
PA2
PD2
Quadruple Word
Program
5 555h
AAh 2AAh 55h
555h 50h
PA1
PD1
PA2
PD2
PA3
PD3 PA4 PD4
Enter Bypass Mode
3 555h
AAh 2AAh 55h
555h 20h
Exit Bypass Mode
2
X
90h
X
00h
Program in Bypass
Mode
2
X
A0h
PA
PD
Read Data Polling or Toggle Bit until Program completes.
Double Word Program
in Bypass Mode
3
X
40h
PA1
PD1
PA2 PD2
Quadruple Word
Program in Bypass
Mode
3
X
50h
PA1
PD1
PA2 PD2 PA3
PD3
PA4
PD4
Block Lock
4 555h
AAh 2AAh 55h
555h 60h
BA
01h
Block Unlock
4 555h
AAh 2AAh 55h
555h 60h
BA
D0h
Block Lock-Down
4 555h
AAh 2AAh 55h
555h 60h
BA
2Fh
Block Erase
6+ 555h
AAh 2AAh 55h
555h 80h 555h AAh 2AAh 55h
BA
30h
Bank Erase
6 555h
AAh 2AAh 55h
555h 80h 555h AAh 2AAh 55h
BA
10h
Erase Suspend
1
X
B0h
Read until Toggle stops, then read all the data needed from any Blocks not
being erased then Resume Erase.
Erase Resume
1
BA
30h
Read Data Polling or Toggle Bits until Erase completes or Erase is
suspended another time
Protection Register
Program
4 555h
AAh 2AAh 55h
PA
C0h
PA
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com