Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFF Datasheet(PDF) 1 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 1 Page - STMicroelectronics

  M59DR032E-ZFF Datasheet HTML 1Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 2Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 3Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 4Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 5Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 6Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 7Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 8Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1/43
April 2003
M59DR032EA
M59DR032EB
32 Mbit (2Mb x 16, Dual Bank, Page )
1.8V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VDD = VDDQ = 1.65V to 2.2V for Program,
Erase and Read
–VPP = 12V for fast Program (optional)
s
ASYNCHRONOUS PAGE MODE READ
– Page Width: 4 Words
– Page Access: 35ns
– Random Access: 85ns, 100ns and 120ns
s
PROGRAMMING TIME
– 10µs by Word typical
– Double Word Program Option
s
MEMORY BLOCKS
– Dual Bank Memory Array: 4 Mbit, 28 Mbit
– Parameter Blocks (Top or Bottom location)
s
DUAL BANK OPERATIONS
– Read within one Bank while Program or
Erase within the other
– No delay between Read and Write operations
s
BLOCK LOCKING
– All blocks locked at Power up
– Any combination of blocks can be locked
–WP for Block Lock-Down
s
COMMON FLASH INTERFACE (CFI)
– 64 bit Unique Device Identifier
– 64 bit User Programmable OTP Cells
s
ERASE SUSPEND and RESUME MODES
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
20 YEARS DATA RETENTION
– Defectivity below 1ppm/year
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Top Device Code, M59DR032EA: 00A0h
– Bottom Device Code, M59DR032EB: 00A1h
Figure 1. Packages
BGA
TFBGA48 (ZB)
7 x 12mm
BGA
TFBGA48 (ZF)
7 x 7mm


Similar Part No. - M59DR032E-ZFF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR032E100N1T STMICROELECTRONICS-M59DR032E100N1T Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR032E100N6T STMICROELECTRONICS-M59DR032E100N6T Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR032E100ZB1T STMICROELECTRONICS-M59DR032E100ZB1T Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR032E100ZB6T STMICROELECTRONICS-M59DR032E100ZB6T Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59DR032E120N1T STMICROELECTRONICS-M59DR032E120N1T Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
More results

Similar Description - M59DR032E-ZFF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Sep-2002
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
06-Jun-2003
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
01-Aug-2002
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
21-May-2003
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
Mar-2001
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
20-Oct-1999
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
19-Mar-2001
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
Sep-2002
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
18-Nov-2004
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
13-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com