Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFF Datasheet(PDF) 32 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M59DR032E-ZFF Datasheet HTML 28Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 29Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 30Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 31Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 32Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 33Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 34Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 35Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
M59DR032EA, M59DR032EB
32/43
PACKAGE MECHANICAL
Figure 16. TFBGA48 7x12mm - 8x6 ball array, 0.75 mm pitch, Package Outline
Note: Drawing is not to scale.
Table 22. TFBGA48 7x12mm - 8x6 ball array, 0.75 mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.350
0.0531
A1
0.300
0.200
0.350
0.0118
0.0079
0.0138
A2
1.000
0.0394
b
0.300
0.550
0.0118
0.0217
D
7.000
6.900
7.100
0.2756
0.2717
0.2795
D1
5.250
–
–
0.2067
–
–
ddd
0.100
0.0039
E
12.000
11.900
12.100
0.4724
0.4685
0.4764
E1
3.750
–
–
0.1476
–
–
e
0.750
–
–
0.0295
–
–
SD
0.375
–
–
0.0148
–
–
SE
0.375
–
–
0.0148
–
–
FE
4.125
–
–
0.1624
–
–
FD
0.875
–
–
0.0344
–
–
E1
E
D1
D
A2
A1
A
BGA-Z03
ddd
eb
SD
SE
BALL "A1"
FD
FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com