Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFF Datasheet(PDF) 41 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M59DR032E-ZFF Datasheet HTML 35Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 36Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 37Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 38Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 39Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 40Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 41Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 42Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
41/43
M59DR032EA, M59DR032EB
Table 33. Device Geometry Definition
Offset Word
Mode
Data
Description
27h
0016h
Device Size = 2n in number of bytes
28h
0001h
Flash Device Interface Code description: Asynchronous x16
29h
0000h
2Ah
0000h
Maximum number of bytes in multi-byte program or page = 2n
2Bh
0000h
2Ch
0002h
Number of Erase Block Regions within device
bit 7 to 0 = x = number of Erase Block Regions
Note:1. x = 0 means no erase blocking, i.e. the device erases at once in "bulk."
2. x specifies the number of regions within the device containing one or more
contiguous Erase Blocks of the same size.
For example, a 128KB device
(1Mb) having blocking of 16KB, 8KB, four 2KB, two 16KB, and one 64KB is
considered to have 5 Erase Block Regions. Even though two regions both
contain 16KB blocks, the fact that they are not contiguous means they are
separate Erase Block Regions.
3. By definition, symmetrically block devices have only one blocking region.
M59DR032EA
M59DR032EA
Erase Block Region Information
bit 31 to 16 = z, where the Erase Block(s) within this Region are (z) times 256 bytes
in size. The value z = 0 is used for 128 byte block size.
e.g. for 64KB block size, z = 0100h = 256 => 256 * 256 = 64K
bit 15 to 0 = y, where y+1 = Number of Erase Blocks of identical size within the Erase
Block Region:
e.g.
y = D15-D0 = FFFFh => y+1 = 64K blocks [maximum number]
y = 0 means no blocking (# blocks = y+1 = "1 block")
Note: y = 0 value must be used with number of block regions of one as indicated
by (x) = 0
2Dh
003Eh
2Eh
0000h
2Fh
0000h
30h
0001h
31h
0007h
32h
0000h
33h
0020h
34h
0000h
M59DR032EB
M59DR032EB
2Dh
0007h
2Eh
0000h
2Fh
0020h
30h
0000h
31h
003Eh
32h
0000h
33h
0000h
34h
0001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com