Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFF Datasheet(PDF) 28 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M59DR032E-ZFF Datasheet HTML 24Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 25Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 26Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 27Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 28Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 29Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 30Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 31Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
M59DR032EA, M59DR032EB
28/43
Figure 11. Reset/Power-Down AC Waveform
Table 20. Reset/Power-Down AC Characteristics
Symbol
Alt
Parameter
Test Condition
M59DR032E
Unit
85
100
120
Min
Max
Min
Max
Min
Max
tPHQ7V1
RP High to Data Valid
(Read Mode)
150
150
150
ns
tPHQ7V2
RP High to Data Valid
(Power-Down enabled)
50
50
50
µs
tPLQ7V
RP Low to Reset Complete
During Program
10
10
10
µs
During Erase
20
20
20
µs
tPLPH
tRP
RP Pulse Width
50
50
50
ns
AI06194
DQ7
W
RP
tPLPH
tPHQ7V
VALID
READ
DQ7
VALID
tPLQ7V
PROGRAM / ERASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com