Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR032E-ZFF Datasheet(PDF) 5 Page - STMicroelectronics

Part # M59DR032E-ZFF
Description  32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR032E-ZFF Datasheet(HTML) 5 Page - STMicroelectronics

  M59DR032E-ZFF Datasheet HTML 1Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 2Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 3Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 4Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 5Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 6Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 7Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 8Page - STMicroelectronics M59DR032E-ZFF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
M59DR032EA, M59DR032EB
SUMMARY DESCRIPTION
The M59DR032E is a 32 Mbit (2Mbit x16) non-vol-
atile Flash memory that may be erased electrically
at block level and programmed in-system on a
Word-by-Word basis using a 1.65V to 2.2V VDD
supply for the circuitry and a 1.65V to 2.2V VDDQ
supply for the Input/Output pins. An optional 12V
VPP power supply is provided to speed up custom-
er programming.
The device features an asymmetrical block archi-
tecture. M59DR032E has an array of 71 blocks
and is divided into two banks, Banks A and B, pro-
viding Dual Bank operations. While programming
or erasing in Bank A, read operations are possible
in Bank B or vice versa. Only one bank at a time is
allowed to be in program or erase mode. The bank
architecture is summarized in Table 2, and the
Block Addresses are shown in Appendix A. The
Parameter Blocks are located at the top of the
memory address space for the M59DR032EA,
and at the bottom for the M59DR032EB.
Each block can be erased separately. Erase can
be suspended, in order to perform either read or
program in any other block, and then resumed.
Each block can be programmed and erased over
100,000 cycles.
Program and Erase commands are written to the
Command Interface of the memory. An internal
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified in the
Status Register. The command set required to
control the memory is consistent with JEDEC stan-
dards.
The M59DR032E features an instant, individual
block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have two
levels of protection. They can be individually
locked and locked-down preventing any acciden-
tal programming or erasure. All blocks are locked
at Power Up and Reset.
The device includes a 128 bit Protection Register
and a Security Block to increase the protection of
a system’s design. The Protection Register is di-
vided into two 64 bit segments. The first segment
contains a unique device number written by ST,
while the second one is one-time-programmable
by the user. The user programmable segment can
be permanently protected. The Security Block, pa-
rameter block 0, can be permanently protected by
the user. Figure 4, shows the Security Block and
Protection Register Memory Map.
The device is available in TFBGA48 (7 x 12mm
and 7 x 7mm, 0.75mm pitch) packages and it is
supplied with all the bits erased (set to ‘1’).
Figure 2. Logic Diagram
Table 1. Signal Names
A0-A20
Address Inputs
DQ0-DQ15
Data Input/Outputs, Command Inputs
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset/Power-Down
WP
Write Protect
VDD
Supply Voltage
VDDQ
Supply Voltage for Input/Output
Buffers
VPP
Optional Supply Voltage for
Fast Program & Erase
VSS
Ground
NC
Not Connected Internally
AI06188
21
A0-A20
W
DQ0-DQ15
VDD
M59DR032EA
M59DR032EB
E
VSS
16
G
RP
WP
VDDQ VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com