Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 59Page - STMicroelectronics STM32U595AI Datasheet HTML 60Page - STMicroelectronics STM32U595AI Datasheet HTML 61Page - STMicroelectronics STM32U595AI Datasheet HTML 62Page - STMicroelectronics STM32U595AI Datasheet HTML 63Page - STMicroelectronics STM32U595AI Datasheet HTML 64Page - STMicroelectronics STM32U595AI Datasheet HTML 65Page - STMicroelectronics STM32U595AI Datasheet HTML 66Page - STMicroelectronics STM32U595AI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 377 page
background image
DS13633 Rev 1
63/377
STM32U59xxx
Functional overview
94
a SDMMC or Octo-SPI interface. The delay is voltage and temperature dependent, that may
require the application to re-configure and recenter the output clock phase with the received
data.
The delay block main features are:
•
Input clock frequency ranging from 25 to 160 MHz
•
Up to 12 oversampling phases
3.30
Hexadeca-SPI interface (HSPI)
The HSPI supports most external serial memories such as serial PSRAMs, serial NAND and
serial NOR Flash memories, HyperRAMs and HyperFlash memories, with the following
functional modes:
•
Indirect mode: all the operations are performed using the HSPI registers.
•
Status polling mode: the external memory status register is periodically read and an
interrupt can be generated in case of flag setting.
•
Memory-mapped mode: the external memory is memory mapped and is seen by the
system as if it were an internal memory supporting read and write operation.
The HSPI supports the following protocols with associated frame formats:
•
the standard frame format with the command, address, alternate byte, dummy cycles
and data phase
•
the HyperBus frame format
The HSPI offers the following features:
•
Three functional modes: Indirect, Status-polling, and Memory-mapped
•
Read and write support in Memory-mapped mode
•
Support for single, dual, quad, octal and hexadeca communication
•
Dual-quad mode, where eight bits can be sent/received simultaneously by accessing
two quad or two octal memories in parallel
•
SDR (single-data rate) and DTR (double-transfer rate) support
•
Data strobe support
•
Fully programmable opcode
•
Fully programmable frame format
•
Support wrapped-type access to memory in read direction
•
HyperBus support
•
Integrated FIFO for reception and transmission
•
8-, 16-, and 32-bit data accesses allowed
•
DMA channel for Indirect mode operations
•
Interrupt generation on FIFO threshold, timeout, operation complete, and access error
•
High-speed interface up to 160MHz
3.30.1
HSPI TrustZone security
When the TrustZone security is enabled, the whole HSPI bank is secure after reset.
Up to two nonsecure areas can be configured thought the TZSC MPCWM6 controller with a
granularity of 64 Kbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com