Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 31Page - STMicroelectronics STM32U595AI Datasheet HTML 32Page - STMicroelectronics STM32U595AI Datasheet HTML 33Page - STMicroelectronics STM32U595AI Datasheet HTML 34Page - STMicroelectronics STM32U595AI Datasheet HTML 35Page - STMicroelectronics STM32U595AI Datasheet HTML 36Page - STMicroelectronics STM32U595AI Datasheet HTML 37Page - STMicroelectronics STM32U595AI Datasheet HTML 38Page - STMicroelectronics STM32U595AI Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 377 page
background image
DS13633 Rev 1
35/377
STM32U59xxx
Functional overview
94
backup registers (through power switch) when VDD is not present.
•
VDDDSI = 1.71 V to 3.6 V
VDDDSI is the external power supply for the DSI controller. It is provided externally
through VDDDSI supply pin, and must be connected to the same supply as VDD pin.
•
VDD11DSI = 1.0V to 1.26 V
VDD11DSI is the external power supply for the DSI transceiver and must be connected to
VDD11.
•
VREF-, VREF+
VREF+ is the input reference voltage for ADCs and DACs. It is also the output of the
internal voltage reference buffer when enabled.
VREF+ can be grounded when ADC and DAC are not active.
The internal voltage reference buffer supports four outputs:
–VREF+ around 1.5 V. This requires VDDA ≥ 1.8 V.
–VREF+ around 1.8 V. This requires VDDA ≥ 2.1 V.
–VREF+ around 2.048 V. This requires VDDA ≥ 2.4 V.
–VREF+ around 2.5 V. This requires VDDA ≥ 2.8 V.
VREF- and VREF+ pins are not available on all packages. When not available, they are
bonded to VSSA and VDDA, respectively.
When the VREF+ is double-bonded with VDDA in a package, the internal voltage
reference buffer is not available and must be kept disabled.
VREF- must always be equal to VSSA.
The STM32U59xxx devices embed two regulators: one LDO and one SMPS in parallel to
provide the VCORE supply for digital peripherals, SRAM1, SRAM2, SRAM3, SRAM4,
SRAM5 and embedded flash memory. The SMPS generates this voltage on VDD11 (two or
three pins) with a total external capacitor of 4.7 μF typical. SMPS requires an external coil of
2.2 μH typical. The LDO generates this voltage on VCAP (one or two) pin(s) with a total
external capacitor of 4.7 μF typical.
Both regulators can provide four different voltages (voltage scaling) and can operate in
Stop modes. It is possible to switch from SMPS to LDO and from LDO to SMPS on-the-fly
(refer to the product reference manual for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com