Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 62Page - STMicroelectronics STM32U595AI Datasheet HTML 63Page - STMicroelectronics STM32U595AI Datasheet HTML 64Page - STMicroelectronics STM32U595AI Datasheet HTML 65Page - STMicroelectronics STM32U595AI Datasheet HTML 66Page - STMicroelectronics STM32U595AI Datasheet HTML 67Page - STMicroelectronics STM32U595AI Datasheet HTML 68Page - STMicroelectronics STM32U595AI Datasheet HTML 69Page - STMicroelectronics STM32U595AI Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 377 page
background image
Functional overview
STM32U59xxx
66/377
DS13633 Rev 1
•
Conversion modes
–
Single mode: the ADC converts a single channel. The conversion is triggered by
a special event.
–
Scan mode: the ADC scans and converts a sequence of channels.
–
Continuous mode: the ADC converts continuously selected inputs.
–
Discontinuous mode: the ADC converts a subset of the conversion sequence.
•
Interrupt generation when the ADC is ready, at end of sampling, end of conversion
(regular or injected), end of sequence conversion (regular or injected), analog
watchdog 1, 2 or 3 or when an overrun event occurs
•
Three analog watchdogs
–
Filtering to ignore out-of-range data
•
ADC input range: VSSA < VIN < VREF+
Note:
The ADC1/2 analog block clock frequency must be between 5 MHz and 55 MHz.
3.31.2
Analog-to-digital converter 4 (ADC4)
The 12-bit ADC4 is a successive approximation analog-to-digital converter. It has up to
25 multiplexed channels allowing it to measure signals from 19 external and six internal
sources. A/D conversion of the various channels can be performed in Single, Continuous,
Scan or Discontinuous mode. The result of the ADC is stored in a left-aligned or
right-aligned 16-bit data register.
The analog watchdog feature allows the application to detect if the input voltage goes
outside the user-defined higher or lower thresholds.
An efficient low-power mode is implemented to allow very low consumption at low
frequency. The ADC4 is autonomous in low-power modes down to Stop 2 mode.
A built-in hardware oversampler allows analog performances to be improved while
off-loading the related computational burden from the CPU.
The ADC4 main features are:
•
High performance
–
12-, 10-, 8- or 6-bit configurable resolution
–
A/D conversion time: 0.4 µs for 12-bit resolution (2.5 MHz), faster conversion
times obtained by lowering resolution
–
Self-calibration
–
Programmable sampling time
–
Data alignment with built-in data coherency
–
DMA support
•
Low-power
–
HCLK frequency reduced for low-power operation while still keeping optimum
ADC performance
–
Wait mode: ADC overrun prevented in applications with low frequency HCLK
–
Auto-off mode: ADC automatically powered off except during the active
conversion phase, dramatically reducing the ADC power consumption
–
Autonomous mode: In low-power modes down to Stop 2 mode, the ADC4 is
automatically switched on when a trigger occurs to start conversion, and it is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com