Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 16Page - STMicroelectronics STM32U595AI Datasheet HTML 17Page - STMicroelectronics STM32U595AI Datasheet HTML 18Page - STMicroelectronics STM32U595AI Datasheet HTML 19Page - STMicroelectronics STM32U595AI Datasheet HTML 20Page - STMicroelectronics STM32U595AI Datasheet HTML 21Page - STMicroelectronics STM32U595AI Datasheet HTML 22Page - STMicroelectronics STM32U595AI Datasheet HTML 23Page - STMicroelectronics STM32U595AI Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 377 page
background image
Description
STM32U59xxx
20/377
DS13633 Rev 1
RNG (true random
number generator)
Yes
HASH (SHA-256)
Yes
GPIOs (without SMPS /
with SMPS)
Wake-up pins (without
SMPS / with SMPS)
Number of I/Os down to
1.08 V (without SMPS /
with SMPS)
51/47
18/17
0/0
82/79
23/22
0/0
110/106
24/24
13/10
114/111
24/23
14/13
NA/115
NA/24
NA/14
NA/108
NA/24
NA/7
136/133
24/24
14/11
NA/145
NA/24
NA/14
NA/156
NA/24
NA/14
Capacitive sensing
Number of channels
(without SMPS
/with SMPS)
10/9
19/18
22/22
22/21
NA/22
22/22
NA/22
ADC
12-bit ADC
1
14-bit ADC
2
Nb of channels
(without SMPS /
with SMPS)
17/15
20/18
24/24
24/22
NA/24
24/24
NA/24
DAC
12-bit DAC
1
Nb of 12-bit
D-to-A conv.
2
Internal voltage reference
buffer
No
Yes
Analog comparator
2
Operational amplifiers
2
Maximum CPU frequency
160 MHz
Operating voltage
1.71 to 3.6 V
Operating temperature
Ambient operating temperature: –40 to +85 °C / –40 to +125 °C
Junction temperature: –40 to +105 °C / –40 to +130 °C
Package
LQFP
64
LQFP
100
UFBGA
132
LQFP
144
WLCSP150
TFBGA
169
WLCSP
208
TFBGA
216
1. For the LQFP100 package, only FSMC bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 chip select.
2. Two OCTOSPIs are available only in muxed mode.
3. When both are used simultaneously, one supports only SDIO interface.
4. Available on packages without SMPS, not available on packages with SMPS.
5. Active tampers in output sharing mode (one output shared by all inputs).
Table 2. STM32U59xxx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com