Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 35Page - STMicroelectronics STM32U595AI Datasheet HTML 36Page - STMicroelectronics STM32U595AI Datasheet HTML 37Page - STMicroelectronics STM32U595AI Datasheet HTML 38Page - STMicroelectronics STM32U595AI Datasheet HTML 39Page - STMicroelectronics STM32U595AI Datasheet HTML 40Page - STMicroelectronics STM32U595AI Datasheet HTML 41Page - STMicroelectronics STM32U595AI Datasheet HTML 42Page - STMicroelectronics STM32U595AI Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 377 page
background image
DS13633 Rev 1
39/377
STM32U59xxx
Functional overview
94
3.9.3
Low-power modes
The ultra-low-power STM32U59xxx devices support seven low-power modes to achieve the
best compromise between low-power consumption, short startup time, available peripherals
and available wake-up sources.
The table below details the related low-power modes.
Table 9. STM32U59xxx modes overview
Mode
Regulator
(1)
CPU Flash SRAM Clocks
DMA and peripherals(2)
Wake-up source
Run
Range 1
Yes
ON(3)
ON
Any
All
N/A
Range 2
Range 3
All except DSI and OTG_HS
Range 4
All except DSI, LTDC, OTG_HS
and UCPD
Sleep
Range 1
No
ON
ON(4)
Any
All
Any interrupt or
event
Range 2
Range 3
All except DSI and OTG_HS
Range 4
All except DSI, LTDC, OTG_HS
and UCPD
Stop 0
Range 1
No
OFF
ON(5)
LSE
LSI
(6)
BOR, PVD, PVM,
RTC, TAMP, IWDG,
TEMP (temp. sensor), VREFBUF,
ADC4(7),
DAC1 (2 channels)(8),
COMPx (x = 1, 2),
OPAMPx (x = 1,2),
USARTx (x = 1...6)(9), LPUART1,
SPIx (x = 1...3)(10),
I2Cx (x = 1...6)(11),
LPTIMx (x = 1...4)(12),
MDF1(13), ADF1,
GPIO, LPGPIO,
GPDMA1(14), LPDMA1
All other peripherals are frozen.
Reset pin, all I/Os
BOR, PVD, PVM,
RTC, TAMP, IWDG,
TEMP, ADC4
DAC1 (2 channels),
COMPx (x = 1, 2),
USARTx (x = 1...6),
LPUART1,
SPIx (x = 1...3),
I2Cx (x = 1...6),
LPTIMx (x = 1...4),
MDF1, ADF1,
GPDMA1,
LPDMA1,
OTG_HS, UCPD
Range 2
Range 3
Range 4
Stop 1
LPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com