Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 15Page - STMicroelectronics STM32U595AI Datasheet HTML 16Page - STMicroelectronics STM32U595AI Datasheet HTML 17Page - STMicroelectronics STM32U595AI Datasheet HTML 18Page - STMicroelectronics STM32U595AI Datasheet HTML 19Page - STMicroelectronics STM32U595AI Datasheet HTML 20Page - STMicroelectronics STM32U595AI Datasheet HTML 21Page - STMicroelectronics STM32U595AI Datasheet HTML 22Page - STMicroelectronics STM32U595AI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 377 page
background image
DS13633 Rev 1
19/377
STM32U59xxx
Description
21
Adv. control
2 (16 bits)
Gen. purpose
4 (32 bits) and 3 (16 bits)
Basic
2 (16 bits)
Low power
4 (16 bits)
SysTick timer
2
Watchdog timers
(indep., window)
2
SPI
3
I2C
6
USART
4
UART
2
LPUART
1
SAI
1
2
FDCAN
1
OTG_HS
Yes
UCPD
Yes
SDMMC
2(3)
Camera interface
Yes/
No(4)
Yes
PSSI
Yes/
No(4)
Yes
MDF (multi-function
digital filter)
Yes
ADF (audio digital filter)
Yes
CORDIC co-processor
Yes
FMAC (filter
mathematical
accelerator)
Yes
RTC (real-time clock)
Yes
Tamper pins (without
SMPS / with SMPS)
Active tampers (without
SMPS / with SMPS)(5)
4/3
3/2
8/7
7/6
8/8
7/7
8/7
7/6
NA/8
NA/7
8/8
7/7
NA/8
NA/7
Table 2. STM32U59xxx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com