Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 247 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 247 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 243Page - STMicroelectronics STM32U595AI Datasheet HTML 244Page - STMicroelectronics STM32U595AI Datasheet HTML 245Page - STMicroelectronics STM32U595AI Datasheet HTML 246Page - STMicroelectronics STM32U595AI Datasheet HTML 247Page - STMicroelectronics STM32U595AI Datasheet HTML 248Page - STMicroelectronics STM32U595AI Datasheet HTML 249Page - STMicroelectronics STM32U595AI Datasheet HTML 250Page - STMicroelectronics STM32U595AI Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 377 page
background image
DS13633 Rev 1
247/377
STM32U59xxx
Electrical characteristics
343
Multi-speed internal (MSI) RC oscillator
Table 73. MSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMSI
MSI frequency
after factory
calibration
VDD = 3 V
TJ = 30 °C
MSI mode
MSI range 0
(MSIRC0)
47.74
48
48.70
MHz
MSI range 1
23.87
24
24.35
MSI range 2
15.91
16
16.23
MSI range 3
11.93
12
12.17
MSI range 4
(MSIRC1)
3.98
4
4.06
MSI range 5
1.99
2
2.03
MSI range 6
1.33
1.33
1.35
MSI range 7
0.99
1
1.01
MSI range 8
(MSIRC2)
3.05
3.08
3.12
MSI range 9
1.53
1.54
1.56
MSI range 10
1.02
1.03
1.04
MSI range 11
0.76
0.77
0.78
MSI range 12
(MSIRC3)
397.68
400
405.71
kHz
MSI range 13
198.84
200
202.86
MSI range 14
132.56
133
135.24
MSI range 15
99.42
100
101.43
PLL
mode(2)
XTAL =
32.768 kHz
MSI range 0
(MSIRC0)
-
48.005
-
MHz
MSI range 1
-
24.003
-
MSI range 2
-
16.002
-
MSI range 3
-
12.001
-
MSI range 4
(MSIRC1)
-3.998
-
MSI range 5
-
1.999
-
MSI range 6
-
1.333
-
MSI range 7
-
0.999
-
MSI range 8
(MSIRC2)
-3.08
-
MSI range 9
-
1.54
-
MSI range 10
-
1.027
-
MSI range 11
-
0.77
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com