Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 363 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 363 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 359Page - STMicroelectronics STM32U595AI Datasheet HTML 360Page - STMicroelectronics STM32U595AI Datasheet HTML 361Page - STMicroelectronics STM32U595AI Datasheet HTML 362Page - STMicroelectronics STM32U595AI Datasheet HTML 363Page - STMicroelectronics STM32U595AI Datasheet HTML 364Page - STMicroelectronics STM32U595AI Datasheet HTML 365Page - STMicroelectronics STM32U595AI Datasheet HTML 366Page - STMicroelectronics STM32U595AI Datasheet HTML 367Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 377 page
background image
DS13633 Rev 1
363/377
STM32U59xxx
Package information
373
6.6
TFBGA169 package information
This TFBGA is a 169-ball, 7 x 7 mm, 0.50 mm pitch, thin fine pitch ball grid array package.
Figure 99. TFBGA169 - Outline
1. Drawing is not to scale.
2. - The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized
markings, or other feature of package body or integral heat-slug.
- A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.
Table 161. TFBGA169 - Mechanical data
Symbol
millimeters
inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A (2)
-
-
1.137
-
-
0.0448
A1
0.125
-
-
0.0049
-
-
A2
-
0.29
-
-
0.0114
-
A4
-
0.62
-
-
0.0244
-
b(3)
0.25
0.30
0.35
0.0098
0.0118
0.0138
D
6.95
7.000
7.05
0.2736
0.2756
0.2776
D1
-
6.00
-
0.2343
0.2362
0.2382
E
6.95
7.000
7.05
0.2736
0.2756
0.2776
E1
-
6.00
-
0.2343
0.2362
0.2382
e
-
0.50
-
-
0.0197
-
Z
-
0.50
-
0.0177
0.0197
0.0217
ddd
-
-
0.08
-
-
0.0031
B0MA_TFBGA169_ME_V1
Seating plane
A1
A
e
Z
Z
e
N
A
BOTTOM VIEW
Øb (169 balls)
B
eee
Ø
M
fff
Ø
M
C
C
A
A1 CORNER INDEX AREA
b
D1
E1
A4
A2
13
1
C
C
ddd
SIDE VIEW
D
E
B
C
D
E
F
G
H
J
K
L
M
12 11 10 9
2
3
4
5
6
7
8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com