Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6U6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 40Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 41Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 42Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 43Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 44Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 45Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 46Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 47Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
44/94
DS13866 Rev 3
Table 29. Typical current consumption in Run depending on code executed
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
General(1)
Code
Fetch
from(2)
25 °C
25 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE_bypass =
48 MHz
Reduced code(3)
Flash
memory
3.40
mA
70.8
μA/MHz
Coremark
3.15
65.6
Dhrystone
3.20
66.7
Fibonacci
2.40
50.0
WhileLoop
1.80
37.5
Reduced code(3)
SRAM
2.80
58.3
Coremark
2.70
56.3
Dhrystone
2.70
56.3
Fibonacci
2.85
59.4
WhileLoop
2.15
44.8
fHCLK = fHSE_bypass =
16 MHz
Reduced code(3)
Flash
memory
1.25
78.1
Coremark
1.15
71.9
Dhrystone
1.15
71.9
Fibonacci
0.835
52.2
WhileLoop
0.645
40.3
Reduced code(3)
SRAM
0.990
61.9
Coremark
0.950
59.4
Dhrystone
0.945
59.1
Fibonacci
1.00
62.5
WhileLoop
0.775
48.4
fHCLK = fHSE_bypass =
2 MHz
Reduced code(3)
Flash
memory
0.225
μA
112.5
μA/MHz
Coremark
0.210
105.0
Dhrystone
0.210
105.0
Fibonacci
0.175
87.5
WhileLoop
0.150
75.0
Reduced code(3)
SRAM
0.195
97.5
Coremark
0.190
95.0
Dhrystone
0.190
95.0
Fibonacci
0.195
97.5
WhileLoop
0.165
82.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com