Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6U6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 11Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 12Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 13Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 14Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 15Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 16Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 17Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 18Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
DS13866 Rev 3
15/94
STM32C011x4/x6
Functional overview
26
stop. The HSI48 can be restarted by a peripheral with wake-up capability requiring
HSI48.
The LSE and LSI can be kept running. The RTC can remain active (Stop mode with
RTC, Stop mode without RTC).
The event of exiting Stop mode enables the HSI48 oscillator and select HSISYS as
system clock.
•
Standby mode
The Standby mode is used to achieve the lowest power consumption, with POR/PDR
always active in this mode. The regulator is switched off to power down VCORE domain.
The HSI48 RC oscillator and the HSE crystal oscillator are also powered down. The
RTC is switched off.
For each I/O, the software can determine whether a pull-up, a pull-down or no resistor
shall be applied to that I/O during Standby mode.
Upon entering Standby mode, register contents are lost, except for 16-bit backup
registers whose contents are kept.
The device exits Standby mode upon external reset event (NRST pin), IWDG reset
event, wakeup event (WKUP pin, configurable rising or falling edge), or when a failure
is detected on LSE (CSS on LSE).
•
Shutdown mode
The Shutdown mode allows to achieve the lowest power consumption. The internal
regulator is switched off to power down the VCORE domain. The HSI48 and LSI RC-
oscillators and HSE crystal oscillator are also powered down. The RTC is off.
The BOR is not available in Shutdown mode. No power voltage monitoring is possible
in this mode.
SRAM and register contents are lost.
The device exits Shutdown mode upon external reset event (NRST pin), or wakeup
event (WKUP pin, configurable rising or falling edge).
3.7.5
Reset mode
During and upon exiting reset, the Schmitt triggers of I/Os are disabled so as to reduce
power consumption. In addition, when the reset source is internal, the built-in pull-up
resistor on NRST pin is deactivated.
3.8
Interconnect of peripherals
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep and Stop
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com