Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6U6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 66Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 67Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 68Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 69Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 70Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 71Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 72Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 73Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
70/94
DS13866 Rev 3
Table 55. ADC accuracy(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total
unadjusted
error
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25°C
-±3
±4
LSB
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-±3
±6.5
EO
Offset error
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25°C
-±1.5
±2
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-±1.5
±4.5
EG
Gain error
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-±3
±3.5
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-±3
±5
ED
Differential
linearity error
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-±1.2
±1.5
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-±1.2
±1.5
EL
Integral linearity
error
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-±2.5
±3
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
-±2.5
±3
ENOB
Effective
number of bits
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
10.1 10.2
-
bit
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
9.6
10.2
-
SINAD
Signal-to-noise
and distortion
ratio
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
62.5
63
-
dB
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
59.5
63
-
SNR
Signal-to-noise
ratio
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
63
64
-
dB
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
60
64
-
THD
Total harmonic
distortion
VDDA = VREF+ = 3 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
--74
-73
dB
2 V < VDDA = VREF+ < 3.6 V
fADC = 35 MHz, fs ≤ 2.5 Msps, TA = entire range
--74
-70
1. Evaluated by characterization – Not tested in production.
2. ADC DC accuracy values are measured after internal calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com