Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6U6 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 43Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 44Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 45Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 46Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 47Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 48Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 49Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 50Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
Table 31. Current consumption in Stop mode
Symbol
Parameter
Conditions
VDD
Typ
Max(1)
Unit
25
°C
85
°C
105
°C
125
°C
25
°C
85
°C
105
°C
125
°C
IDD(Stop)
Supply current
in Stop mode
All clocks off
2 V
79.0
125
175
275
110
350
610
1100
µA
2.4 V
79.0
125
175
275
110
350
610
1100
3 V
80.0
125
180
275
110
350
610
1100
3.6 V
81.5
130
180
280
110
350
610
1100
All clocks off
Flash memory in power-down stop
mode
2 V
70.5
120
170
270
97.0
340
600
1100
2.4 V
72.0
120
170
270
98.0
340
600
1100
3 V
73.5
120
170
270
100
340
600
1100
3.6 V
75.0
120
175
270
110
340
600
1100
RTC enabled and supplied with
LSE bypass (32.768 kHz)
2 V
78.0
125
175
275
110
350
610
1100
2.4 V
78.5
125
175
275
110
350
610
1100
3 V
80.0
125
180
275
110
350
610
1100
3.6 V
82.0
130
180
280
110
350
610
1100
RTC enabled and supplied with
LSE bypass (32.768 kHz)
Flash memory in power-down stop
mode
2 V
71.0
120
170
270
97.0
340
600
1100
2.4 V
72.5
120
170
270
98.0
340
600
1100
3 V
74.0
120
170
270
100
340
600
1100
3.6 V
75.5
120
175
270
110
340
600
1100
HSI Kernel on
2 V
605
630
675
765
640
850
1100
1600
2.4 V
605
630
675
765
640
850
1100
1600
3 V
605
630
675
765
640
850
1200
1600
3.6 V
605
635
680
770
640
850
1200
1600
1. Evaluated by characterization – Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com