Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6U6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32C011F6U6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6U6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32C011F6U6 Datasheet HTML 42Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 43Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 44Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 45Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 46Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 47Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 48Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 49Page - STMicroelectronics STM32C011F6U6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
Table 30. Current consumption in Sleep mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
fHCLK
25
°C
85
°C
105
°C
125
°C
25
°C
85
°C
105
°C
125
°C
IDD(Sleep)
Supply
current in
Sleep
mode
All peripherals
disabled,
fHCLK = fHSI48/HSIDIV
( > 32 kHz),
fHCLK = fLSI
( = 32 kHz)
Flash memory enabled
48 MHz
1.20
1.20
1.25
1.35
1.50
1.70
2.00
2.50
mA
24 MHz
0.92
0.95
0.99
1.10
1.10
1.30
1.60
2.10
12 MHz
0.79
0.81
0.86
0.95
0.91
1.20
1.40
1.90
6 MHz
0.72
0.75
0.79
0.88
0.82
1.10
1.30
1.80
1.5 MHz
0.67
0.70
0.74
0.83
0.75
0.97
1.30
1.80
375 kHz
0.66
0.69
0.73
0.82
0.73
0.95
1.30
1.80
32 kHz
0.08
0.13
0.18
0.28
0.12
0.37
0.64
1.20
All peripherals
disabled,
fHCLK = fHSE_bypass
( > 32.768 kHz),
fHCLK = fLSE_bypass
( = 32.768 kHz)
48 MHz
0.820 0.875 0.930
1.05
1.20
1.40
1.70
2.20
32 MHz
0.575 0.630 0.680 0.785 0.800 1.10
1.40
1.90
24 MHz
0.450 0.500 0.555 0.655 0.630 0.880
1.20
1.70
16 MHz
0.325 0.380 0.430 0.535 0.460 0.710 0.980
1.50
8 MHz
0.205 0.250 0.305 0.405 0.300 0.540 0.820
1.40
2 MHz
0.110 0.160 0.210 0.310 0.170 0.420 0.690
1.20
500 kHz
0.0875 0.135 0.185 0.285 0.130 0.380 0.650
1.20
32.768 kHz 0.0805 0.125 0.180 0.280 0.120 0.370 0.640
1.20
Flash memory disabled
(flash memory power-
down sleep mode)
48 MHz
0.815 0.870 0.925
1.05
1.20
1.40
1.70
2.20
32 MHz
0.570 0.620 0.675 0.775 0.790 1.10
1.40
1.90
24 MHz
0.445 0.495 0.545 0.650 0.630 0.870
1.20
1.70
16 MHz
0.320 0.375 0.425 0.525 0.460 0.700 0.980
1.50
8 MHz
0.200 0.245 0.295 0.395 0.290 0.530 0.810
1.40
2 MHz
0.105 0.150 0.205 0.300 0.160 0.410 0.680
1.20
500 kHz
0.0815 0.130 0.180 0.280 0.120 0.370 0.650
1.20
32.768 kHz 0.0745 0.120 0.170 0.270 0.110 0.360 0.630
1.20
1. Evaluated by characterization – Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com