Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 129Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 130Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 131Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 132Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 133Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 134Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 135Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 136Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 278 page
background image
DS14217 Rev 1
133/278
STM32U535xx
Electrical characteristics
253
5.3.2
Operating conditions at power-up/power-down
The parameters given in the table below are derived from tests performed under the
ambient temperature condition summarized in Table 32.
5.3.3
Embedded reset and power control block characteristics
The parameters given in the table below are derived from tests performed under the
ambient temperature conditions summarized in Table 32.
6. The I/Os powered by VSW are:
- PC13, PC14, PC15 when VDD is present.
- PC13, PC14, PC15, and all FT_t I/Os in VBAT mode.
7. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max.
Table 33. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise-time rate
-
0
∞
µs/V
VDD fall-time rate
ULPMEN = 0 (default value)
20
∞
Standby mode, BOR level 0 selected
with ULPMEN = 1
250
∞
ms/V
Table 34. Embedded reset and power control block characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after BOR0 is
detected
VDD rising
-
-
900
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com