Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 131Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 132Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 133Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 134Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 135Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 136Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 137Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 138Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 278 page
background image
DS14217 Rev 1
135/278
STM32U535xx
Electrical characteristics
253
5.3.4
Embedded voltage reference
The parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Table 32.
tVBAT_BOR
_sampling
VBAT BOR sampling period
in VBAT mode
MONEN = 0(5)
-0.5
2.5
s
VAVM1
VDDA voltage monitor 1 threshold
Rising edge
1.61
1.68
1.75
V
Falling edge
1.58
1.65
1.71
VAVM2
VDDA voltage monitor 2 threshold
Rising edge
1.77
1.86
1.95
Falling edge
1.73
1.82
1.9
VIO2VM
VDDIO2 voltage monitor threshold
-
0.96
1.01
1.05
VUVM
VDDUSB voltage monitor threshold
-
1.15
1.22
1.28
Vhyst_AVM
Hysteresis of VDDA voltage
monitor
--
40
-
mV
IDD_VM(2)
Voltage monitor consumption from
VDD (AVM1, AVM2, IO2VM or
UVM single instance)
--
0.4
0.6
µA
IDD_AVM_A(2)
VDDA voltage monitor
consumption from VDDA (resistor
bridge)
-
-
1.25
1.85
1. Evaluated by characterization and not tested in production, unless otherwise specified.
2. Specified by design. Not tested in production
3. BOR0 is enabled in all modes (except Shutdown), and its consumption is therefore included in the supply current
characteristics tables.
4. This is also the consumption saved in Standby mode when ULPMEN = 1.
5. VBAT brownout reset monitoring is discontinuous when MONEN = 0 in PWR_BDCR1, and is continuous when MONEN = 1.
Table 34. Embedded reset and power control block characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 35. Embedded internal voltage reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltage
Range 1, 2, 3
1.175 1.215 1.255
V
Range 4 and
low-power modes
1.170 1.215 1.260
tS_vrefint(2)(3)
ADC sampling time when reading
the internal reference voltage
-
12.65
-
-
µs
tstart_vrefint(3)
Start time of reference voltage buffer
when the ADC is enabled
--
4
6
IDD(VREFINTBUF)
(3)
VREFINT buffer consumption from
VDD when converted by the ADC
-
-
1.5
2.1
µA
∆VREFINT(4)
Internal reference voltage spread
over the temperature range
VDD = 3 V
-
6
11.5
mV
TCoeff(4)
Average temperature coefficient
–40°C < TJ < +130 °C
-
40
125
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com