Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 160Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 161Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 162Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 163Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 164Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 165Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 166Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 167Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 278 page
background image
IDD(Stop 3
with RTC)
Supply current in Stop 3 mode,
RTC(2) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
2.05
5.90
20.0
44.0
95.5
6.1
18.0
59.0
130.0
280.0
µA
2.4
1.80
5.00
16.5
36.5
80.0
5.3
15.0
48.0
110.0
230.0
3.0
1.80
4.65
15.0
33.0
72.5
5.3
14.0
44.0
95.0
210.0
3.3
2.00
4.85
15.0
32.5
71.5
5.8
14.0
43.0
93.0
210.0
3.6
2.55
5.65
16.0
34.0
73.0
7.1
16.0
45.0
96.0
210.0
Supply current in Stop 3 mode,
RTC(2) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
1.90
5.75
19.5
43.5
95.0
5.6
17.0
57.0
130.0
280.0
2.4
1.60
4.75
16.0
36.0
79.5
4.7
14.0
47.0
110.0
230.0
3.0
1.50
4.40
14.5
32.5
72.5
4.4
13.0
42.0
93.0
210.0
3.3
1.65
4.55
14.5
32.5
71.5
4.7
13.0
42.0
93.0
210.0
3.6
2.20
5.30
15.5
33.5
72.5
6.1
15.0
44.0
94.0
210.0
Supply current in Stop 3 mode,
RTC(2) clocked by LSE bypassed
at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
1.95
5.70
19.0
42.5
91.5
5.8
17.0
56.0
130.0
270.0
2.4
1.75
4.85
16.0
35.5
77.0
5.2
15.0
47.0
110.0
220.0
3.0
1.75
4.55
14.5
32.0
70.0
5.1
14.0
42.0
92.0
200.0
3.3
1.95
4.75
14.5
32.0
69.0
5.6
14.0
42.0
91.0
200.0
3.6
2.50
5.55
15.5
33.0
70.5
7.0
16.0
44.0
93.0
200.0
Supply current in Stop 3 mode,
RTC(2) clocked by LSE quartz in
low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
2.15
6.05
20.0
44.0
96.0
-
----
2.4
1.90
5.10
16.5
36.5
80.0
-
----
3.0
1.85
4.75
15.0
33.0
73.0
-
----
3.3
2.00
4.95
15.0
33.0
72.0
-
----
3.6
2.55
5.70
16.0
34.0
73.5
-
----
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 63. Current consumption in Stop 3 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com