Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 164Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 165Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 166Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 167Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 168Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 169Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 170Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 171Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 278 page
background image
IDD(BKPSRAM)
Supply current to be
added in Standby mode
when backup SRAM is
retained
-
1.8
0.15
0.28
0.63
1.25
2.40
0.47
0.84
1.90
3.80
7.20
µA
2.4
0.15
0.24
0.63
1.26
2.50
0.45
0.71
1.90
3.80
7.50
3.0
0.15
0.24
0.64
1.31
2.60
0.47
0.74
2.00
4.00
7.80
3.3
0.14
0.26
0.64
1.30
2.50
0.44
0.78
2.00
3.90
7.50
3.6
0.14
0.29
0.65
1.30
2.50
0.42
0.87
2.00
3.90
7.50
IDD(SRAM2)
Supply current to be
added in Standby mode
when full SRAM2 and
BKPSRAM are retained
LDO
1.8
1.67
4.59
12.79 27.06 55.90
5.10
14.00 39.00 82.00 170.00
2.4
1.68
4.45
12.83 27.23 56.20
5.10
14.00 39.00 82.00 170.00
3.0
1.52
3.82
12.84 27.21 56.10
4.60
12.00 39.00 82.00 170.00
3.3
1.51
3.85
12.81 27.30 56.30
4.60
12.00 39.00 82.00 170.00
3.6
1.87
4.29
12.79 27.10 56.00
5.70
13.00 39.00 82.00 170.00
IDD(SRAM2_8K)
Supply current to be
added in Standby mode
when SRAM2 8-Kbyte
page 1 and BKPSRAM
are retained
1.8
0.57
1.34
4.02
8.36
17.10
1.80
4.10
13.00 26.00
52.00
2.4
0.64
1.35
4.04
8.33
17.20
2.00
4.10
13.00 25.00
52.00
3.0
0.64
1.40
4.04
8.41
17.10
2.00
4.30
13.00 26.00
52.00
3.3
0.66
1.39
3.98
8.40
17.20
2.00
4.20
12.00 26.00
52.00
3.6
0.75
1.41
3.89
8.20
16.70
2.30
4.30
12.00 25.00
51.00
Table 66. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com