Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 204 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 204 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 200Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 201Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 202Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 203Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 204Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 205Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 206Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 207Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 278 page
background image
Electrical characteristics
STM32U535xx
204/278
DS14217 Rev 1
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 32. All I/Os are CMOS- and TTL-compliant (FT OR TT unless otherwise specified).
Table 92. Output voltage characteristics (all I/Os except FT_c,
FT_t in VBAT mode, and FT_o I/Os(1))(2)(3)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage
CMOS port(4), |IIO| = 8 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL(5)
Output low-level voltage
TTL port(4),|IIO| = 8 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
VOH(5)
Output high-level voltage
2.4
-
VOL(5)
Output low-level voltage
All I/Os, |IIO| = 20 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-1.3
VOH(5)
Output high-level voltage
VDDIOx - 1.3
-
VOL(5)
Output low-level voltage
|IIO| = 4 mA,
1.58 V ≤ VDDIOx ≤ 3.6 V
-0.4
VOH(5)
Output high-level voltage
VDDIOx - 0.4
-
VOL(5)
Output low-level voltage
|IIO| = 1 mA,
1.08 V ≤ VDDIOx <3.6 V
-0.4
VOH(5)
Output high-level voltage
VDDIOx - 0.4
-
VOLFM+(5)
Output low-level voltage for
a FT_f I/O pin in FM+ mode
|IIO| = 20 mA,
2.7 V ≤ VDDIOx ≤ 3.6 V
-0.4
|IIO| = 10 mA,
1.58 V ≤ VDDIOx ≤ 3.6 V
-0.4
|IIO| = 2 mA,
1.08 V ≤ VDDIOx < 3.6 V
-0.4
1. FT_t I/O characteristics are degraded only in VBAT mode (refer to Table 93).
2. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For
instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
3. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 30:
Current characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
4. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
5. Specified by design. Not tested in production.
Table 93. Output voltage characteristics for FT_t I/Os in VBAT mode, and for FT_o I/Os(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage |I
IO| = 0.5 mA, 2.7 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL
Output low-level voltage |I
IO| = 0.25 mA, 1.58 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
VOH
Output high-level voltage
VDDIOx - 0.4
-
1. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com