Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 206 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 206 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 202Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 203Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 204Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 205Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 206Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 207Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 208Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 209Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 278 page
background image
Electrical characteristics
STM32U535xx
206/278
DS14217 Rev 1
10
Fmax
Maximum frequency
all I/Os
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
100(5)
MHz
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
33(5)
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
133(5)
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
40(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5
tr/tf
Output rise and fall time
all I/Os
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
3.3(5)
ns
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
6.0(5)
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
13.3
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
2(5)
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
4.1(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
9.2
11
Fmax
Maximum frequency
All I/Os except FT_c, FT_v,
and TT_v
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
100(5)
MHz
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
33(5)
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
133(5)
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
40(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5
Maximum frequency
FT_v and TT_v I/Os
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
140(5)
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
40(5)
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
166(5)
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
50(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
5
tr/tf
Output rise and fall time
All I/Os except FT_c, FT_v,
and TT_v
CL = 30 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
3.3(5)
ns
CL = 30 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
6.0(5)
CL = 30 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
13.3
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
2.0(5)
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
4.1(5)
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
9.2
Table 94. Output AC characteristics, HSLV OFF (all I/Os except FT_c,
FT_t in VBAT mode, and FT_o I/Os(1))(2)(3)(4) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com