Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 245 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 245 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 241Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 242Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 243Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 244Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 245Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 246Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 247Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 248Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 249Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 278 page
background image
DS14217 Rev 1
245/278
STM32U535xx
Electrical characteristics
253
Figure 51. USART timing diagram in master mode
Table 126. USART characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock
frequency
Master mode, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
20
MHz
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
53
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
28.5
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
-
32
tsu(NSS)
NSS setup
time
Slave mode
Tker(2) + 2
-
-
ns
th(NSS) NSS hold time Slave mode
2
-
-
tw(CKH)
tw(CKL)
CK high and
low time
Master mode
1/fCK / 2 - 1 1/fCK / 2 1/fCK / 2 + 1
tsu(RX)
Data input
setup time
Master mode
14
-
-
Slave mode
1
-
-
th(RX) Data input
hold time
Master mode
4
-
-
th(RX)
Slave mode
1
-
-
tv(TX)
Data output
valid time
Slave mode, 2.7 V ≤ VDD ≤ 3.6 V
-
11
17.5
Slave mode, 1.71 V ≤ VDD ≤ 3.6 V
-
11
15.5
tv(TX)
Master mode
-
2.5
6.5
th(TX)
Data output
hold time
Slave mode
8.5
-
-
th(TX)
Master mode
2
-
-
1. Evaluated by characterization. Not tested in production.
2. Tker is the usart_ker_ck_pres clock period.
MSv65386V4
CPHA = 0
TX
OUTPUT
RX
INPUT
CPHA = 0
LSB OUT
LSB IN
CPOL = 0
CPOL = 1
BIT1 OUT
1/fCK
tw(CKH)
tw(CKL)
th(RX)
CPHA = 1
CPHA = 1
CPOL = 0
CPOL = 1
tsu(RX)
tv(TX)
th(TX)
MSB IN
BIT6 IN
MSB OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com