Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 241 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 241 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 237Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 238Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 239Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 240Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 241Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 242Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 243Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 244Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 278 page
background image
DS14217 Rev 1
241/278
STM32U535xx
Electrical characteristics
253
Figure 49. PSSI transmit timing diagram
MSv63437V1
ts(RDY)
tho(DATA)
tv(DATA)
CKPOL=0
CKPOL=1
PSSI D[15:0]
(output)
th(RDY)
tw(PDCKL)
tw(PDCKH)
tc(PDCK)
tf(PDCK)
Invalid data OUT
Valid data OUT
DEPOL=0
DEPOL=1
RDYPOL=0
RDYPOL=1
Invalid data OUT
tr(PDCK)
tv(DE)
tho(DE)
Table 120. PSSI receive characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio DCMI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK PSSI clock input
1.71 V ≤ VDD ≤ 3.6 V
-
64
MHz
DPIXEL
PSSI clock input duty cycle
-
30
70
%
tSU(DATA)
Data input setup time
1.71 V ≤ VDD ≤ 3.6 V
2-
ns
tH(DATA)
Data input hold time
1.5
-
tSU(DE)
DE input setup time
0.5
-
tH(DE)
DE input hold time
2
-
tOV(RDY)
RDY output valid time
-
12
tOH(RDY)
RDY output hold time
6
-
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com